Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLK3114SCZPV Datasheet(PDF) 41 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 41 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 37Page - Texas Instruments TLK3114SCZPV Datasheet HTML 38Page - Texas Instruments TLK3114SCZPV Datasheet HTML 39Page - Texas Instruments TLK3114SCZPV Datasheet HTML 40Page - Texas Instruments TLK3114SCZPV Datasheet HTML 41Page - Texas Instruments TLK3114SCZPV Datasheet HTML 42Page - Texas Instruments TLK3114SCZPV Datasheet HTML 43Page - Texas Instruments TLK3114SCZPV Datasheet HTML 44Page - Texas Instruments TLK3114SCZPV Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
3−23
Table 3−12. MDIO Registers (Continued)
REGISTER ADDRESS
REGISTER NAME
DEFINITION
5.32773
Reserved
Reserved
5.32774
DTE XS channel status
See Table 3−44
5.32775
DTE XS channel sync status
See Table 3−44
5.32776
DTE XS CTC status
See Table 3−44
5.32777
Error counter control
See Table 3−44
5.32778−5.32781
Channel A−D error count
See Table 3−44
5.32782−5.65535
Not applicable
−
Several MDIO register bits may be affected by Boolean functions. When a bit value is overridden through a Boolean
function, writes to that bit are ignored. The bit returns to its prior value once the override is removed.
Table 3−13. Control Register Bit Definitions (Register 0)
BIT(S)
NAME
DESCRIPTION
READ/WRITE
15
Reset
Logically ORed with the inverse of the RSTN terminal.
1 = Global resets including FIFO clear
0 = Normal operation
Read/Write
Self Clearing†
14
Loopback
1 = Enable loopback mode on all channels.
0 = Disable loopback mode on all channels (default).
Read/Write
13
Speed selection (LSB)
Not applicable. Read returns a 1.
Read-only
12
Auto-negotiation enable
Not applicable. Read returns a 0.
Read-only
11
Power down
Logically ORed with the inversion of the ENABLE terminal.
1 = Power-down mode is enabled.
0 = Normal operation (default).
Read/Write
10
Isolate
Not applicable. Read returns a 0.
Read-only
9
Restart auto-negotiation
Not applicable. Read returns a 0.
Read-only
8
Duplex mode
Only full duplex is supported. Writes are ignored. Read returns a 1.
Read-only
7
Collision test
Not applicable. Read returns a 0.
Read-only
6
Speed selection (MSB)
Not applicable. Read returns a 1.
Read-only
5:0
Reserved
Write as 0. Ignore on read.
−
† After reset, this bit is set to 1; it automatically sets itself back to 0 on the next MDC clock cycle.
Table 3−14. Status Register Bit Definitions (Register 1)
BIT(S)
NAME
DESCRIPTION
READ/WRITE
15:9
Read returns all 0s.
Read-only
8
Extended status
Read returns a 1, indicating extended status information is held in register 15.
Read-only
7
Reserved
Read is ignored.
Read-only
6:3
Various configurations
Read returns all 0s.
Read-only
2
Link status
1 = Link is up
0 = Link is down
Latches low until read.
Read-only
1
Jabber detect
Read returns a 0.
Read-only
0
Extended capability
Read returns a 1, indicating extended register capability.
Read-only
Registers 2 and 3 contain the identifier for the 10-Gbps ethernet XGXS device.
The identifier code is composed of bits 3−24 of the 25-bit organizationally unique identifier (OUI) assigned to Texas
Instruments by the IEEE. The 6-bit manufacturer model number is unique to the TLK3114SC device. The
manufacturer revision number denotes the current revision of the TLK3114SC device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com