Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLK3114SCZPV Datasheet(PDF) 30 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 26Page - Texas Instruments TLK3114SCZPV Datasheet HTML 27Page - Texas Instruments TLK3114SCZPV Datasheet HTML 28Page - Texas Instruments TLK3114SCZPV Datasheet HTML 29Page - Texas Instruments TLK3114SCZPV Datasheet HTML 30Page - Texas Instruments TLK3114SCZPV Datasheet HTML 31Page - Texas Instruments TLK3114SCZPV Datasheet HTML 32Page - Texas Instruments TLK3114SCZPV Datasheet HTML 33Page - Texas Instruments TLK3114SCZPV Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
3−12
ALIGN—This is the normal state for receiving data. When in this state, the column state machine sets the column
alignment sync bit to 1 in MDIO registers 4.24 and 5.24, bit 12, indicating all channels are aligned. During this state,
the alignment character code detect circuit is active on each channel but the column re-alignment is disabled. If a
complete alignment column is not detected in the correct position within the IPG, the column state machine transitions
to state FAIL1.
FAIL1—When in this state, the column alignment sync bit is 1 in MDIO registers 4.24 and 5.24, bit 12. During this
state, the alignment character code detect circuit is active on each channel but the column re-alignment is disabled.
If a complete alignment column is not detected in the correct position within the IPG, the column state machine
transitions to state FAIL2.
FAIL2—When in this state, the column alignment sync bit is 1 in MDIO registers 4.24 and 5.24, bit 12. During this
state, the alignment character code detect circuit is active on each channel but the column re-alignment is disabled.
If a complete alignment column is not detected in the correct position within the IPG, the column state machine
transitions to state FAIL3.
FAIL3—When in this state, the column alignment sync bit is 1 in MDIO registers 4.24 and 5.24, bit 12. During this
state, the alignment character code detect circuit is active on each channel but the column re-alignment is disabled.
If complete alignment column is not detected in the correct position within the IPG, the column state machine
transitions to state UNALIGN.
3.17 Independent Channel Mode
When the TLK3114SC device is configured in independent channel mode, the recovered clocks for each channel are
used to output the received data on the parallel interface. Thus, as is shown in Figure 3−11, in the independent
channel modes, no FIFO is enabled.
Channel
Logic
Protocol Device
Channel A
RCA
TLK3114SC
Serdes
Core
Data A
Channel
Logic
Channel B
RCB
Data B
Serdes
Core
Channel
Logic
Channel C
RCC
Data C
Serdes
Core
Channel
Logic
Channel D
RCD
Data D
Serdes
Core
RCLKB
RCLKC
RCLKD
RCLKA
Xtal OSC
RFCP/RFCN
Figure 3−11. Receive and Reference Clock Relationship (Independent Channel Modes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com