Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLK3114SCZPV Datasheet(PDF) 31 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 27Page - Texas Instruments TLK3114SCZPV Datasheet HTML 28Page - Texas Instruments TLK3114SCZPV Datasheet HTML 29Page - Texas Instruments TLK3114SCZPV Datasheet HTML 30Page - Texas Instruments TLK3114SCZPV Datasheet HTML 31Page - Texas Instruments TLK3114SCZPV Datasheet HTML 32Page - Texas Instruments TLK3114SCZPV Datasheet HTML 33Page - Texas Instruments TLK3114SCZPV Datasheet HTML 34Page - Texas Instruments TLK3114SCZPV Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
3−13
3.18 Inter-Packet Gap Management
When in the 10-Gbps ethernet XGXS operational mode, the TLK3114SC device replaces the idle codes (see
Table 3−5) during the IPG with the necessary codes to perform all channel alignment, byte alignment, and clock
tolerance compensation as defined in IEEE 802.3ae, subclause 48.2.4.2. According to clause 46, a valid packet must
begin on channel A. However, due to variable packet sizes, the IPG can begin on any channel. The TLK3114SC
device replaces idle codes latched on the same TCA (TX_CLK) clock edge as the end of packet code with /K/ codes
(as shown in Figure 3−12).
TDA[7:0]
D
D
S
I
I
Packet
D
D
...
D
D
D
D
I
I
I
I
I
I
IPG
TDB[7:0]
D
D
D
I
I
D
D
...
D
D
T
D
I
I
I
I
I
I
TDC[7:0]
D
D
D
I
I
D
D
...
D
D
I
D
I
I
I
I
I
I
TDD[7:0]
D
D
D
I
I
D
D
...
D
D
I
D
I
I
I
I
I
I
Input
TXA
D
D
S
R
K
D
D
...
D
D
D
D
R
A
K
R
R
K
TXB
D
D
D
R
K
D
D
...
D
D
T
D
R
A
K
R
R
K
TXC
D
D
D
R
K
D
D
...
D
D
K
D
R
A
K
R
R
K
TXD
D
D
D
R
K
D
D
...
D
D
K
D
R
A
K
R
R
K
Output
S = Start of Packet
D = Data
T = End of Packet
A = K28.3
K = K28.5
R = K28.0
I = Idle
Figure 3−12. Inter-Packet Gap Management
The subsequent idles in the IPG are replaced by columns of channel alignment codes (K28.3), byte alignment codes
(K28.5), or clock tolerance compensation codes (K28.0). The state machine, which governs the IPG replacement
procedure, is illustrated in Figure 3−13, with notation defined in Table 3−8. Note that any IPG management state
transitions to send data if the IPG is terminated.
The repetition of the A pattern on each serial channel allows the FIFOs to remove or add the required phase delay
to align the data from all four channels for output on a single edge of the receive clock for channel A, RCA, as shown
in Figure 3−14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com