Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLK3114SCZPV Datasheet(PDF) 36 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 36 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 32Page - Texas Instruments TLK3114SCZPV Datasheet HTML 33Page - Texas Instruments TLK3114SCZPV Datasheet HTML 34Page - Texas Instruments TLK3114SCZPV Datasheet HTML 35Page - Texas Instruments TLK3114SCZPV Datasheet HTML 36Page - Texas Instruments TLK3114SCZPV Datasheet HTML 37Page - Texas Instruments TLK3114SCZPV Datasheet HTML 38Page - Texas Instruments TLK3114SCZPV Datasheet HTML 39Page - Texas Instruments TLK3114SCZPV Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
3−18
3.22 High-Speed VML Output Driver
The high-speed data output driver is implemented using voltage mode logic that offers PECL-compatible differential
pair for a 100-
Ω differential impedance environment with no external components. The line can be directly coupled
or ac coupled. See Figure 4−8 and Figure 4−9 for termination details.
Both current mode logic (CML) and PECL drivers require external components to provide a rising edge (CML) or a
falling edge (PECL). The disadvantage of the external edge control is a limited edge rate due to package and line
parasitics. In contrast, a VML driver drives and controls both the rising and falling edges inside the package and
therefore provides optimum performance for increased speed requirements. Furthermore, the VML driver controls
the output voltage swing and adjusts automatically for varying load conditions. The PECL-compatible output provides
a nominal 850-mV (singled-ended) swing centered at VDDA/2. The receiver input contains internal biasing for
ac-coupling. The receiver internal circuitry sets the common mode voltage to 2
× VDDA/3.
When transmitting data across long lengths of PCB trace or cable, the high frequency content of the signal is
attenuated due to the skin effect of the media. This causes a smearing of the data eye when viewed on an
oscilloscope. The net result is reduced timing margins for the receiver and clock recovery circuits. In order to provide
equalization for the high frequency loss, the differential swing is increased or preemphasized for the bit immediately
following a transition and subsequently reduced or deemphasized for run lengths greater than one, as shown in
Figure 3−17. This provides additional high frequency energy to compensate for PCB or cable loss. The level of the
preemphasis is programmable via bits 4 and 5 of MDIO registers 16−20. Users can control the strength of the
preemphasis to optimize for a specific system requirement. There are two control bits in the user-defined registers
of MDIO to set the preemphasis level, as shown in Table 3−9. See also Table 3−18 for MDIO settings.
Table 3−9. Programmable Preemphasis
PRE1 (Bit 4)
REGISTERS 16−20
PRE2 (Bit 5)
REGISTERS 16−20
PREEMPHASIS LEVEL
(VOD(p) / VOD(d)−1)†
0
0
30%
1
0
20%
0
1
10%
1
1
Preemphasis disabled
† VOD(p): Magnitude of the voltage swing when there is a transition in the data stream.
VOD(d): Magnitude of the voltage swing when there is no transition in the data stream.
VCMT
Bit
Time
Vod(p)
Vod(d)
Vod(p)
Vod(d)
Vod(pd) Vod(pp)
Bit
Time
Figure 3−17. Output Differential Voltage Under Preemphasis
3.23 Device Configuration
The TLK3114SC device has four operational configurations controlled by two configuration terminals, CONFIG0 and
CONFIG1. These configurations are listed in Table 3−10 and controlled by the MDIO interface (see Table 3−18).
When the device is put in a certain mode, unused circuit blocks are powered down to conserve the system power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com