Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLK3114SCZPV Datasheet(PDF) 43 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 43 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 39Page - Texas Instruments TLK3114SCZPV Datasheet HTML 40Page - Texas Instruments TLK3114SCZPV Datasheet HTML 41Page - Texas Instruments TLK3114SCZPV Datasheet HTML 42Page - Texas Instruments TLK3114SCZPV Datasheet HTML 43Page - Texas Instruments TLK3114SCZPV Datasheet HTML 44Page - Texas Instruments TLK3114SCZPV Datasheet HTML 45Page - Texas Instruments TLK3114SCZPV Datasheet HTML 46Page - Texas Instruments TLK3114SCZPV Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
3−25
Table 3−18. Global Configuration Register Bit Definitions (Register 16)
BIT(S)
NAME
DESCRIPTION
READ/WRITE
15
Reserved
Read returns 0, writes are ignored.
Read-only
14
De-skew state machine
1 = Enable deskew state machine described in Figure 3−10.
0 = Disable deskew state machine (default).
Read/Write
13
Channel synchronization
state machine
1 = Enable channel synchronization state machine described in Figure 3−7.
0 = Disable channel synchronization state machine (default).
Read/Write
12
IPG management state
machine
1 = Enable IPG management state machine described in Figure 3−13.
0 = Disable IPG management state machine (default).
Read/Write
11
Clock tolerance
compensation
1 = Enable clock tolerance compensation.
0 = Disable clock tolerance compensation (default).
Read/Write
10:9
Multifunction pin output
Multifunction (MF[A−D]) terminal configuration.
Bit 10
Bit 9
Output
0
0
HSTL = 1, SSTL_2 = 0 (default)
0
1
1 = Comma detected, 0 = data
1
0
Register 22, bits 3−0 (LOS)
1
1
Register 22, bits 7−4 (PRBS pass)
Read/Write
8
Loss of signal detection
1 = Enable LOS condition described in Table 3−6 for all channels (default).
0 = Disable this function.
Read/Write
7
Configuration: Config1
Configuration bits (see Table 3−10), default value = 0.
When CONFIG1 = low, this bit can be set to 1.
When CONFIG1 = high, this bit is read-only.
Logically ORed with external input CONFIG1.
Read/Write
6
Configuration: Config0
Configuration bits (see Table 3−10), default value = 0
When CONFIG0 = low, this bit can be set to 1.
When CONFIG0 = high, this bit is read-only.
Logically ORed with external input CONFIG0.
Read/Write
5
Preemphasis: Pre2
Programmable preemphasis control (see Table 3−9), default value = 0.
Read/Write
4
Preemphasis: Pre1
Programmable preemphasis control (see Table 3−9), default value = 0.
Read/Write
3
Reserved
Read returns a 0, writes are ignored.
Read-only
2
PRBS enable
1 = Enable PRBS internal generation and verification on all channels
0 = Normal operation (default).
When PRBSEN = low, this bit can be set to 1.
When PRBSEN = high, this bit is read-only.
Logically ORed with PRBSEN.
Read/Write
1
Comma detect enable
1 = Enable K28.5 code detection and bit alignment on all channels (default).
0 = Disable K28.5 code detection on all channels.
Logically AND’ed with SYNCEN.
Read/Write
0
Reserved
Read returns a 0, writes are ignored.
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com