Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLK3114SCZPV Datasheet(PDF) 38 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 38 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 34Page - Texas Instruments TLK3114SCZPV Datasheet HTML 35Page - Texas Instruments TLK3114SCZPV Datasheet HTML 36Page - Texas Instruments TLK3114SCZPV Datasheet HTML 37Page - Texas Instruments TLK3114SCZPV Datasheet HTML 38Page - Texas Instruments TLK3114SCZPV Datasheet HTML 39Page - Texas Instruments TLK3114SCZPV Datasheet HTML 40Page - Texas Instruments TLK3114SCZPV Datasheet HTML 41Page - Texas Instruments TLK3114SCZPV Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
3−20
3.25 MDIO Management Interface
The TLK3114SC device supports the MDIO interface as defined in clauses 22 and 45 of the IEEE 802.3ae Ethernet
specification. The MDIO allows register-based management and control of the serial links. Normal operation of the
TLK3114SC device is possible without use of this interface since all of the essential signals necessary for operations
are accessible via the device terminals. However, some additional features are accessible only through the MDIO.
The MDIO management interface consists of a bidirectional data path (MDIO) and a clock reference (MDC). The
timing required to read from the internal registers 0−31 is shown in Figure 3−19. The timing required to write to the
internal registers 0−31 is shown in Figure 3−20. The port address is defined by the external inputs PADR(0−4).
MDC
A4
MDIO
A0
R4
R0
0
1
1
0
0
Hi-Z
D15
D0
32 “1”s
Preamble
SFD
Read Code
PHY Address
Turn Around
Register Address
Data
Idle
Figure 3−19. Management Interface Read Timing
MDC
A4
MDIO
A0
R4
R0
1
0
1
0
0
D15
D0
32 “1”s
Preamble
SFD
Write Code
PHY Address
Turn Around
Register Address
Data
Idle
1
Figure 3−20. Management Interface Write Timing
The extended register address space transactions are orthogonal to register 0−31 transactions, distinguished by the
ST bytes. Extended address space registers are denoted X.Y, where X designates the device address and Y
designates the register number. The permitted device addresses are shown in Table 3−11. The DADR0 bit is defined
by an external input, while the DADR[4:1] bits are predetermined. Write transactions that address an invalid register
or device or a read-only register are ignored. Read transactions that address an invalid register return a 0. Read
transactions that address an invalid device are ignored.
Timing for an address transaction is shown in Figure 3−21. The timing required to write to the internal registers is
shown in Figure 3−22. The timing required to read from the internal registers is shown in Figure 3−23. The timing
required to read from the internal registers and then increment the active address for the next transaction is shown
in Figure 3−24.
Table 3−11. MDIO Device Address
DADR(4:1)
DADR0
DEVICE MODE
0010
0
PHY XS
0010
1
DTE XS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com