Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLK3114SCZPV Datasheet(PDF) 59 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 59 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 55Page - Texas Instruments TLK3114SCZPV Datasheet HTML 56Page - Texas Instruments TLK3114SCZPV Datasheet HTML 57Page - Texas Instruments TLK3114SCZPV Datasheet HTML 58Page - Texas Instruments TLK3114SCZPV Datasheet HTML 59Page - Texas Instruments TLK3114SCZPV Datasheet HTML 60Page - Texas Instruments TLK3114SCZPV Datasheet HTML 61Page - Texas Instruments TLK3114SCZPV Datasheet HTML 62Page - Texas Instruments TLK3114SCZPV Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
4−3
4.7
HSTL Signals
See Chapter 2, Terminal Descriptions, for a list of HSTL signals.
NOTE:
For more information on HSTL specifications and test conditions, see EIA/JEDEC, High-Speed
Transceiver Logic (HSTL): A 1.5-V Output Buffer Supply Voltage Based Interface Standard for
Digital Integrated Circuits, EIA/JESD8-6, Aug 1995.
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
VOH(dc)
High-level output voltage
VDDQ−0.4
VDDQ
V
VOL(dc)
Low-level output voltage
0.4
V
VIH(dc)
High-level dc input voltage
DC input, logic high
Vref+0.1
VDDQ+0.3
V
VIL(dc)
Low-level dc input voltage
DC input, logic low
−0.3
Vref–0.1
V
VIH(ac)
High-level ac input voltage
AC input, logic high
Vref+0.2
V
VIL(ac)
Low-level ac input voltage
AC input, logic low
Vref–0.2
V
IOH(dc)
High output current
VDDQ = 1.5 V
−8
mA
IOL(dc)
Low output current
VDDQ = 1.5 V
8
mA
CIN
Input capacitance
4
pF
4.8
Serial Transmitter/Receiver Characteristics
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VOD(p)
TX output voltage magnitude away from common
Maximum preemphasis
enabled, See Figure 4−1
650
850
1000
mV
VOD(d)
TX output voltage magnitude away from common
mode
Preemphasis disabled,
See Figure 4−1
600
800
mV
VOD(pp)
TX output differential peak-to-peak voltage swing
Maximum preemphasis
enabled, See Figure 4−1
1300
1700
2000
mVP-P
VOD(pd)
TX output differential peak-to-peak voltage swing
Preemphasis disabled,
See Figure 4−1
1200
1450
1600
mVP-P
VCMT
TX output common mode voltage range
See Figure 4−1
1000
1250
1400
mV
VID
RX input voltage magnitude away from common
mode
See Figure 4−3
100
1150
mV
VID(p)
RX input differential peak-to-peak voltage swing
See Figure 4−3
200
2300
mVP-P
VCMR
RX input common mode voltage range
See Figure 4−3
1000
2000
mV
ILKG
RX input leakage current
−10
10
µA
CI
RX input capacitance
2
pF
tr, tf
Differential output signal rise, fall time (20% to 80%)
RL = 50 Ω,
CL = 5 pF,
See Figure 4−1
80
90
130
ps
JTOL
Jitter tolerance, total jitter at serial input
Zero crossing, See Figure 4−4
0.65
UI†
JDR
Serial input deterministic jitter
Zero crossing, See Figure 4−4
0.37
UI
JS
Serial input sinusoidal jitter <20 MHz
0.1
UI
JT
Serial output total jitter
PRBS at 3.125 GHz,
See Figure 4−2
0.2
0.35
UI
JD
Serial output deterministic jitter
PRBS at 3.125 GHz
0.17
UI
R(LATENCY)
Total delay from RX input to RD output
See Figure 3−6
89
225
Bits
T(LATENCY)
Total delay from TD input to TX output
See Figure 3−2
71
120
Bits
† Unit interval (UI) is one serial bit time (320 ps minimum).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com