Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLK3114SCZPV Datasheet(PDF) 23 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 19Page - Texas Instruments TLK3114SCZPV Datasheet HTML 20Page - Texas Instruments TLK3114SCZPV Datasheet HTML 21Page - Texas Instruments TLK3114SCZPV Datasheet HTML 22Page - Texas Instruments TLK3114SCZPV Datasheet HTML 23Page - Texas Instruments TLK3114SCZPV Datasheet HTML 24Page - Texas Instruments TLK3114SCZPV Datasheet HTML 25Page - Texas Instruments TLK3114SCZPV Datasheet HTML 26Page - Texas Instruments TLK3114SCZPV Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
3−5
Byte Received
RLatency
RXxP
RXxN
RDx[7:0]
RCLKx
10-Bit Code Received
Figure 3−6. Receiver Latency
3.10 Auto Detectable HSTL/SSTL_2 Class 1 I/O
The transmit and receive data buses of the TLK3114SC device are compatible with both high-speed transfer logic
(HSTL) supply and stub series terminated logic 2 (SSTL_2) Class 1 buffers. The TLK3114SC device determines
which buffer technology to use by sensing the voltage level on the VDDQ supply terminals at power up. If the voltage
on the VDDQ supply is between 2.3 V and 2.7 V, the TLK3114SC device provides the necessary drive current to meet
SSTL_2 Class 1 requirements. If the voltage on the VDDQ supply is between 1.4 V and 2 V, the TLK3114SC device
provides HSTL compatible signaling. During normal operation, the voltage level on the VDDQ terminals must not
change.
All HSTL/SSTL_2 Class 1 outputs are series terminated to provide direct connection to a 50-
Ω transmission line
signaling environment (see Figure 4−10 and Figure 4−11).
3.11 8-b/10-b Encoder
All true serial interfaces require a method of encoding to ensure sufficient transition density for the receiving PLL to
acquire and maintain lock. The encoding scheme also maintains the signal dc balance by keeping the number of 1s
and 0s the same, which allows for ac-coupled data transmission. The TLK3114SC device uses the 8-b/10-b encoding
algorithm that is used by fibre channel and gigabit ethernet. This provides good transition density for clock recovery
and improves error checking. The 8-b/10-b encoder/decoder function is enabled for all four channels by the assertion
of the CODE terminal. When enabled, the TLK3114SC device internally encodes and decodes the data such that the
user reads and writes actual 8-bit data on each channel.
When enabled, the 8-b/10-b encoder converts 8-bit wide data to a 10-bit wide encoded data character to improve
its transition density. This transmission code includes D-characters, used for transmitting data, and K-characters,
used for transmitting protocol information. Each K- or D-character code word can also have both a positive and a
negative disparity version. The disparity of a code word is selected by the encoder to balance the running disparity
of the serialized data stream.
The generation of K-characters to be transmitted on each channel is controlled by TDx8 (KGEN). When KGEN is
asserted along with the 8 bits of data TDx[0:7], an 8-b/10-b K-character is transmitted. Similarly, reception of
K-characters is reported by RDx8 (KFLAG). When KFLAG is asserted, the 8 bits of data on RDx[0:7] must be
interpreted as a K-character. The TLK3114SC device transmits and receives all 12 valid K-characters defined in
Table 3−4. Table 3−5 provides additional transmit data control coding and descriptions that have been proposed for
10 gigabits per second ethernet. Data patterns put on TDx[0:7], other than those defined in Table 3−4 when TDx8
is asserted, result in an invalid K-character being transmitted, which results in a code error at the receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com