Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLK3114SCZPV Datasheet(PDF) 37 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 37 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 33Page - Texas Instruments TLK3114SCZPV Datasheet HTML 34Page - Texas Instruments TLK3114SCZPV Datasheet HTML 35Page - Texas Instruments TLK3114SCZPV Datasheet HTML 36Page - Texas Instruments TLK3114SCZPV Datasheet HTML 37Page - Texas Instruments TLK3114SCZPV Datasheet HTML 38Page - Texas Instruments TLK3114SCZPV Datasheet HTML 39Page - Texas Instruments TLK3114SCZPV Datasheet HTML 40Page - Texas Instruments TLK3114SCZPV Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
3−19
Table 3−10. Device Configuration
CONFIG0
CONFIG1
CONFIGURATION
Low
Low
Full-duplex transceiver mode—normal operation (default after reset).
Low
High
Transmit-only mode—data on high-speed data inputs is ignored. Receive data bus is in a high-impedance state.
High
Low
Receive-only mode—high-speed data outputs are in a high-impedance state. Data on the transmit data bus is
ignored.
High
High
Repeater mode—recovered serial data and clock are sent back out the transmit serial output.
While transceiver, transmit-only, and receive-only modes are straightforward, the repeater mode of operation is
shown in Figure 3−18. The received serial data is recovered by the extracted clock and is then sent back out on the
transmit serial output. The data eye opens both vertically and horizontally.
Serializer
RXxP
RXxN
Recovered Clock
Q
D
TXxP
TXxN
Q
D
Deserializer
TX PLL
Mode
Selection
CONFIG0
CONFIG1
Repeater
Mode
Figure 3−18. Repeater-Mode Block Diagram
3.24 PRBS Generator
The TLK3114SC device has a built-in 27−1 PRBS self-test function available on each channel. The PRBS data pattern
represents a worst case data recovery task compared to any 8-b/10-b data pattern combination and is, therefore, a
sufficient test for the link and jitter tolerance. The self-test function is enabled by asserting the PRBSEN terminal or
setting bit 2 (PRBS enable) of MDIO channel configuration registers 16−20, 4.32768−4.32772, or 5.32768−5.32772.
When the self-test function is enabled, PRBS is generated and fed into the 10-bit parallel-to-serial converter input
register. Data on the transmit data bus is ignored during the PRBS test mode. The PRBS pattern is then fed through
the transmit circuitry as if it were normal data and sent out to the transmitter. The output can be sent to a BERT (bit
error rate tester), the receiver of another TLK3114SC channel, or can be looped back to the receive input of the same
channel. Since the PRBS is not really random but a predetermined sequence of 1s and 0s, the data can be captured
and checked for errors by a BERT.
Result reporting of the PRBS test (PRBS_PASS) is available on each receive channel multifunction (MF[A−D])
terminal. To enable the report of the PRBS tests, see bits 10 and 9 of MDIO register 16, 4.32768, or 5.32768. If
SYNCEN is high, then PRBS_PASS latches low on the first occurrence of a bit error. SYNCEN low releases the latch
function on PRBS_PASS. MDIO comma detect settings do not affect the latching function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com