Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLK3114SCZPV Datasheet(PDF) 29 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 25Page - Texas Instruments TLK3114SCZPV Datasheet HTML 26Page - Texas Instruments TLK3114SCZPV Datasheet HTML 27Page - Texas Instruments TLK3114SCZPV Datasheet HTML 28Page - Texas Instruments TLK3114SCZPV Datasheet HTML 29Page - Texas Instruments TLK3114SCZPV Datasheet HTML 30Page - Texas Instruments TLK3114SCZPV Datasheet HTML 31Page - Texas Instruments TLK3114SCZPV Datasheet HTML 32Page - Texas Instruments TLK3114SCZPV Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
3−11
UNALIGN
FAIL3
FAIL2
||A||
Valid
Data
DET2
DET3
ALIGN
||A||
||A||
Valid
Data
FAIL1
Valid
Data
DET1
||A||
Valid
Data
Valid
Data
Valid
Data
De-skew
Error
||A||
||A||
||A||
De-skew
Error
De-skew
Error
De-skew
Error
De-skew
Error
RESET
or LOS
Valid
Data
De-skew
Error
De-skew
Error
Figure 3−10. Column De-skew State Machine
3.16.1 Column State Descriptions
UNALIGN—This is the initial state for the column state machine upon device power up or reset. If any of the channel
state machines are set to UNSYNC, the column state is set to UNALIGN. In this state, the column state machine
searches for alignment character codes (K28.3 or /A/) on each channel and aligns the FIFO pointers on each channel
to the /A/ character code. While in this state, the column alignment sync bit is set to 0 in MDIO registers 4.24 and 5.24,
bit 12, indicating the column is not aligned. The column state transitions to the DET1 state upon the detection and
alignment of /A/ character codes in all four channels.
NOTE: When the XGXS lane alignment bit equals 0, it causes a local fault to be output on the receive
data bus.
DET1—During this state, the alignment character code detect circuit is active on each channel but the column
re-alignment is disabled. The column state machine remains in this state looking for a column of alignment character
codes. If an incomplete alignment column is detected (alignment character codes not found on all channels), the
column state machine transitions to state UNALIGN. While in this state, the column alignment sync bit is set to 0 in
MDIO registers 4.24 and 5.24, bit 12, indicating the column is not aligned. Detection of a complete alignment column
causes the column state machine to transition to state DET2.
NOTE: When the XGXS lane alignment bit equals 0, it causes a local fault to be output on the receive
data bus.
DET2—During this state, the alignment character code detect circuit is active on each channel but the column
re-alignment is disabled. The column state machine remains in this state looking for a column of alignment character
codes. If an incomplete alignment column is detected (alignment character codes not found on all channels), the
column state machine transitions to state UNALIGN. While in this state, the column alignment sync bit is set to 0 in
MDIO registers 4.24 and 5.24, bit 12, indicating the column is not aligned. Detection of a complete alignment column
causes the column state machine to transition to state DET3.
NOTE: When the XGXS lane alignment bit equals 0, it causes a local fault to be output on the receive
data bus.
DET3—During this state, the alignment character code detect circuit is active on each channel but the column
re-alignment is disabled. The column state machine remains in this state looking for a column of alignment character
codes. If an incomplete alignment column is detected (alignment character codes not found on all channels), the
column state machine transitions to state UNALIGN. While in this state, the column alignment sync bit is set to 0 in
MDIO registers 4.24 and 5.24, bit 12, indicating the column is not aligned. Detection of a complete alignment column
causes the column state machine to transition to state ALIGN.
NOTE: When the XGXS lane alignment bit equals 0, it causes a local fault to be output on the receive
data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com