Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLK3114SCZPV Datasheet(PDF) 57 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 57 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 53Page - Texas Instruments TLK3114SCZPV Datasheet HTML 54Page - Texas Instruments TLK3114SCZPV Datasheet HTML 55Page - Texas Instruments TLK3114SCZPV Datasheet HTML 56Page - Texas Instruments TLK3114SCZPV Datasheet HTML 57Page - Texas Instruments TLK3114SCZPV Datasheet HTML 58Page - Texas Instruments TLK3114SCZPV Datasheet HTML 59Page - Texas Instruments TLK3114SCZPV Datasheet HTML 60Page - Texas Instruments TLK3114SCZPV Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
4−1
4 Electrical Specifications
4.1
Absolute Maximum Ratings Over Operating Free-Air Temperature Range
(unless otherwise noted){
Supply voltage, VDD, VDDQ , VDDA
−0.3 to 3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI, (LVTTL)
−0.5 to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI, (HSTL/SSTL_2 Class 1)
−0.5 to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC input voltage (I/O)
−0.3 to 3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge
HBM: 2 kV, CDM: 750 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Characterized free-air operating temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE: All voltage values, except differential I/O bus voltages, are stated with respect to the network ground terminal.
4.2
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Core supply voltage, VDD
2.3
2.5
2.7
V
I/O supply voltage, VDDQ
SSTL_2 Class 1
2.3
2.5
2.7
V
I/O supply voltage, VDDQ
HSTL Class 1
1.4
1.5
1.9
V
Analog supply voltage, VDDA
2.3
2.5
2.7
V
Core supply current, IDD
Rω = 156.25 MHz
500
650
mA
I/O supply current, IDDQ
SSTL_2 Class 1,
Rω = 156.25 MHz
150
325
mA
I/O supply current, IDDQ
HSTL Class 1
Rω = 156.25 MHz
120
200
mA
Analog supply current, IDDA
Rω = 156.25 MHz
280
320
mA
Transceiver mode,
Rω = 156.25 MHz
2.25
3.25
W
Total power consumption, PD
Transmit mode,
Rω = 156.25 MHz
0.9
1.5
W
Total power consumption, PD
Receive mode,
Rω = 156.25 MHz
2
2.8
W
Repeater mode,
Rω = 156.25 MHz
1.8
2.2
W
Input reference voltage, VREF
SSTL_2 Class 1
1.15
1.25
1.35
V
Input reference voltage, VREF†
HSTL Class 1
0.68
0.75
0.9
V
Analog shutdown current, ISDA
ENABLE = Low
300
µA
Core shutdown current, ISDD
ENABLE = Low
500
µA
† The value of VREF may be selected to provide optimum noise margin in the system. Typically, the value of VREF is expected to be 0.5VDDQ of
the transmitting device and VREF is expected to track variations in VDDQ. Peak-to-peak ac noise on VREF may not exceed 2% of VREF (dc).
4.3
Reference Clock Timing Requirements (RFCP/N)
These characteristics are over recommended operating conditions unless otherwise noted.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
R
Frequency
Minimum data rate
TYP−0.01%
125
TYP+0.01%
MHz
Rω
Frequency
Maximum data rate
TYP−0.01%
156.25
TYP+0.01%
MHz
Accuracy
−100
100
ppm
Duty cycle
40%
50%
60%
Jitter
Random and deterministic
40
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com