Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLK3114SCZPV Datasheet(PDF) 19 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 15Page - Texas Instruments TLK3114SCZPV Datasheet HTML 16Page - Texas Instruments TLK3114SCZPV Datasheet HTML 17Page - Texas Instruments TLK3114SCZPV Datasheet HTML 18Page - Texas Instruments TLK3114SCZPV Datasheet HTML 19Page - Texas Instruments TLK3114SCZPV Datasheet HTML 20Page - Texas Instruments TLK3114SCZPV Datasheet HTML 21Page - Texas Instruments TLK3114SCZPV Datasheet HTML 22Page - Texas Instruments TLK3114SCZPV Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
3−1
3 Detailed Description
The TLK3114SC device has four operational interface modes controlled by the states of terminals CODE and
PSYNC. These operational interface modes are listed in Table 3−1.
Table 3−1. Operational Interface Modes
CODE
PSYNC
DESCRIPTION
Low
Low
Four independent serializer/deserializers (serdes)
Low
High
Four synchronized serdes
High
Low
Four independent transceivers with on-chip 8-b/10-b encode/decode
High
High
10-gigabit ethernet XGMII extended sublayer (XGXS) transceiver
3.1
Serdes Modes
When CODE is deasserted, the TLK3114SC device performs serialization and deserialization of encoded data across
four ten-bit interfaces (TBI) similar to that done in fibre channel and 802.3z gigabit ethernet serdes devices. The
channels can be synchronized to allow use of one transmit data clock and one receive data clock.
3.2
10-Gbps Ethernet Transceiver Modes
When CODE and PSYNC are asserted, the TLK3114SC device supports the 32-bit data path, 4-bit control, 10-gigabit
media independent interface (XGMII), and full encoding scheme specified in the IEEE 802.3ae 10-Gigabit Ethernet
standard. In these modes, the TLK3114SC device performs the serialization/deserialization and channel
synchronization function of an extended auxiliary unit interface (XAUI), also specified in the IEEE 802.3ae 10-Gigabit
Ethernet standard.
3.3
Parallel Interface Clocking
Two clocking choices are selectable via the PSYNC terminal detailed in Table 3−2. Under channel sync mode
(PSYNC is high), TCA is used as the transmit data clock for all four channels. Under independent channel mode
(PSYNC is low), each channel uses its own transmit data clock (TCA−TCD) to latch data into the TLK3114SC device.
A data FIFO is placed in the transmit data path to resolve any phase difference between the transmit data clocks and
differential reference clock, RFCP/N.
Table 3−2. Parallel Interface Clocking Modes
PSYNC
PARALLEL INTERFACE CLOCKING OPERATION
Low
Independent channel mode. TC[A−D]/RC[A−D] clock in/out each individual channel
High
Channel sync mode. TCA/RCA clock in/out all channels of data
On the receive data path, in independent channel mode, the data for each channel is output referenced to each
channel’s extracted receive clock. In channel sync mode, the data on all channels are synchronized and output
referenced to the extracted receive clock for channel A, RCA. A FIFO is enabled in the parallel receive data path on
each channel to compensate for channel skew and clock phase tolerance differences between the recovered clocks
for each channel and the receive output clock, RCA. This FIFO has a total depth of 11 bytes.
3.4
Parallel Interface Data
Two data mode choices are selectable via the CODE terminal detailed in Table 3−3. In serdes mode, the transmit
data bus for each channel accepts 10-bit wide 8-b/10-b encoded data at the TDx[0:9] terminals. Data is latched on
the rising and falling edge of the transmit data clock. The 8-b/10-b encoded data is then phase aligned to the reference
clock (RFCP/RFCN), serialized, then transmitted sequentially beginning with bit 0 (TDx0) over the differential
high-speed serial transmit terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com