Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLK3114SCZPV Datasheet(PDF) 61 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 61 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 57Page - Texas Instruments TLK3114SCZPV Datasheet HTML 58Page - Texas Instruments TLK3114SCZPV Datasheet HTML 59Page - Texas Instruments TLK3114SCZPV Datasheet HTML 60Page - Texas Instruments TLK3114SCZPV Datasheet HTML 61Page - Texas Instruments TLK3114SCZPV Datasheet HTML 62Page - Texas Instruments TLK3114SCZPV Datasheet HTML 63Page - Texas Instruments TLK3114SCZPV Datasheet HTML 64Page - Texas Instruments TLK3114SCZPV Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
4−5
4.9
SSTL_2 Class 1/HSTL Output Switching Characteristics
These characteristics are over recommended operating conditions unless otherwise noted.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
tsu
RDx[0:9] setup prior to RCx transition high or low
See Figure 4−5, timing relative to 0.5xVDDQ
960
ps
th
RDx[0:9] hold after RCx transition high or low
See Figure 4−5, timing relative to 0.5xVDDQ
960
ps
slew
RDx[0:9] slew rate
CL = 10 pF
1
mV/ps
tsu
th
th
tsu
RCA, RCB,
RCC, RCD
RDx[9:0]
VDDQ/2
Figure 4−5. SSTL_2 Class 1/HSTL Output Timing Requirements
4.10 SSTL_2 Class 1/HSTL Input Timing Requirements
These characteristics are over recommended operating conditions unless otherwise noted.
PARAMETER
TEST CONDITION
MIN†
TYP
MAX
UNIT
tsu
TDx[0:9] setup prior to TCx transition high or low
See Figure 4−6, timing relative to VREF
480
ps
th
TDx[0:9] hold after TCx transition high or low
See Figure 4−6, timing relative to VREF
480
ps
† All values are at 25_C with a nominal supply.
tsu
th
th
tsu
TCA, TCB,
TCC, TCD
TDx[9:0]
VREF
Figure 4−6. SSTL_2 Class 1/HSTL Data Input Timing Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com