Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLK3114SCZPV Datasheet(PDF) 40 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 40 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 36Page - Texas Instruments TLK3114SCZPV Datasheet HTML 37Page - Texas Instruments TLK3114SCZPV Datasheet HTML 38Page - Texas Instruments TLK3114SCZPV Datasheet HTML 39Page - Texas Instruments TLK3114SCZPV Datasheet HTML 40Page - Texas Instruments TLK3114SCZPV Datasheet HTML 41Page - Texas Instruments TLK3114SCZPV Datasheet HTML 42Page - Texas Instruments TLK3114SCZPV Datasheet HTML 43Page - Texas Instruments TLK3114SCZPV Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
3−22
Table 3−12. MDIO Registers
REGISTER ADDRESS
REGISTER NAME
DEFINITION
0
Control
IEEE 802.3 defined. See Table 3−13
1
Status
IEEE 802.3 defined. See Table 3−14
2, 3
PHY identifier
IEEE 802.3 defined. See Table 3−15 and Table 3−16
4−14
Not applicable
−
15
Extended status
IEEE 802.3 defined. See Table 3−17
16
Global configuration
See Table 3−18
17−20
Channel A−D configuration
See Table 3−19, Table 3−20, Table 3−21, and Table 3−22
21
Reserved
Reserved
22
Channel status
See Table 3−23
23
Channel sync status
See Table 3−24
24
CTC status
See Table 3−25
25
Error counter control
See Table 3−26
26−29
Channel A−D error count
See Table 3−27, Table 3−28, Table 3−29, and Table 3−30
4.0
PHY XS control 1
IEEE 802.3 defined. See Table 3−31
4.1
PHY XS status 1
IEEE 802.3 defined. See Table 3−32
4.2, 4.3
PHY XS identifier
IEEE 802.3 defined. Same as registers 2, 3
4.4
PHY XS speed ability
IEEE 802.3 defined. See Table 3−33
4.5
Devices in package
IEEE 802.3 defined. See Table 3−34
4.6, 4.7
Not applicable
−
4.8
PHY XS status 2
IEEE 802.3 defined. See Table 3−35
4.9−4.23
Not applicable
−
4.24
10G PHY XGXS lane status
See Table 3−36
4.25−4.32767
Not applicable
−
4.32768
PHY XS global configuration
See Table 3−37
4.32769−4.32772
PHY XS channel A−D configuration
See Table 3−37
4.32773
Reserved
Reserved
4.32774
PHY XS channel status
See Table 3−37
4.32775
PHY XS channel sync status
See Table 3−37
4.32776
PHY XS CTC status
See Table 3−37
4.32777
Error counter control
See Table 3−37
4.32778−4.32781
Channel A−D error count
See Table 3−37
4.32782−4.65535
Not applicable
−
5.0
DTE XS control 1
IEEE 802.3 defined. See Table 3−38
5.1
DTE XS status 1
IEEE 802.3 defined. See Table 3−39
5.2, 5.3
DTE XS identifier
IEEE 802.3 defined. Same as registers 2, 3
5.4
DTE XS speed ability
IEEE 802.3 defined. See Table 3−40
5.5
Devices in package
IEEE 802.3 defined. See Table 3−41
5.6, 5.7
Not applicable
−
5.8
DTE XS status 2
IEEE 802.3 defined. See Table 3−42
5.9−5.23
Not applicable
−
5.24
10G DTE XGXS lane status
See Table 3−43
5.25−5.32767
Not applicable
−
5.32768
DTE XS global configuration
See Table 3−44
5.32769−5.32772
DTE XS channel A−D configuration
See Table 3−44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com