Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3036CC1C Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
10 of 49
Parameter
Symbol
Conditions/Comments
Min
Typ
Max
Unit
Internal Temperature Sensor
Temperature Resolution
For both temperature ranges:
-40°C to +85°C
-40°C to +110°C
0.003
K/LSB
Interface and Memory
SPI Clock Frequency
fC,SPI
Maximum capacitance at MISO
line: 40pF @ VDD=1.8V
20
MHz
I²C
™ Clock Frequency
fC,I2C
3.4
MHz
Program Time
tprog
MTP programming time per 16-bit
register
500
600
µs
Data Retention
2)
tRET_MTP
1000h @ 125°C
10
a
1)
Percentage referred to maximum full-scale output (FSO); e.g. for 16-bit measurements: ErrA,IC [%FSO] = 100 · MAX{ | ADCmeas – ADCideal | } / 2
16
.
2)
With maximum ambient temperature of 125°C.
1.4.
Power Supply Rejection Ratio (RSRR) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com