Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3036CC1C Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 32Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 33Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 34Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 35Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 36Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 37Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 38Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 39Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
36 of 49
MTP
Address
Word / Bit
Range
Default
Setting
Description
Notes / Explanations
15:6
0 0000 000
0BIN
-
Not assigned
05HEX
15:0
0000HEX
(7000HEX)
Offset_B[15:0]
Bits [15:0] of the bridge offset correction coefficient,
which is an 18-bit wide absolute value (the
respective MSBs Offset_B[16] and sign,
Offset_B_sign, are under bits[1:0] in 03HEX)
[-1/16 to 15/16] = 7000HEX (default for volume)
[-2/16 to 14/16] = 6000HEX
[-3/16 to 13/16] = 5000HEX
[-4/16 to 12/16] = 4000HEX
[-5/16 to 11/16] = 3000HEX
[-6/16 to 10/16] = 2000HEX
[-7/16 to 9/16] = 1000HEX
[-8/16 to 8/16] = 0000HEX (default for prototypes)
06HEX
15:0
0000HEX
(8000HEX)
Gain_B[15:0]
Bits[15:0] of 17-bit wide absolute value of the bridge
gain coefficient (default for prototypes: 0000HEX;
default for volume production: 8000HEX—the
respective MSBs, Gain_B[16] and sign,
Gain_B_sign, are under bits[3:2] in 03HEX)
07HEX
15:0
0000HEX
Tcg[15:0]
Coefficient for temperature correction of the bridge
gain term
– the respective MSBs, Tcg[16] and sign,
Tcg_sign, are under (bits[5:4] in 03HEX)
08HEX
15:0
0000HEX
Tco[15:0]
Coefficient for temperature correction of the bridge
offset term
– the respective MSBs, Tco[16] and sign,
Tco_sign, are under (bits[7:6] in 03HEX)
09HEX
15:0
0000HEX
SOT_tco[15:0]
2
nd order term applied to Tco – the respective MSBs,
SOT_tco[16] and sign, SOT_tco_sign, are under
(bits[9:8] in 03HEX)
0AHEX
15:0
0000HEX
SOT_tcg[15:0]
2
nd order term applied to Tcg. – the respective
MSBs, SOT_tcg[16] and sign, SOT_tcg_sign, are
under (bits[11:10] in 03HEX)
0BHEX
15:0
0000HEX
SOT_bridge[15:0]
2
nd order term applied to the sensor bridge readout –
the respective MSBs, SOT_bridge[16] and sign,
SOT_bridge_sign are under (bits[13:12] in 03HEX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com