Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3036CC1C Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 15Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 16Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
19 of 49
The content of a re-written register can generally be determined by
contentRegister = contentold (BITWISE_OR) contentnew.
If contentRegister equals contentnew, a re-write is possible; e.g., this is not the case for contentold = FFFFHEX and
contentnew ≠ FFFFHEX. Depending on the former and the newly intended MTP addresses and register contents a
re-programming could be possible.
2.4.3.
Clock Generator
The clock generator, implemented as a ring oscillator, provides a 4MHz clock signal. The frequency is trimmed
during production test.
2.4.4.
Power Supervision
The power supervision block as a part of the voltage regulator combined with the digital section monitors all
power supplies to ensure a defined reset of all digital blocks during power-up or power supply interruptions.
2.4.5.
Interface
The ZSSC3036
can communicate with the user’s PC via an SPI or I
2C™ interface *. The interface type is select-
able via the voltage level on the SEL pin:
SEL = 0 -> SPI Mode
SEL = 1 -> I2C™ Mode
If the SEL pin is not connected, I²C
™ communication will be selected (IC-internal pull-up at SEL pin). The SPI-
specific pins (SS, MISO) do not need to be connected for I²C
™ operation.
To also provide interface accessibility in Sleep State (all features inactive except for the digital interface logic), the
interface circuitry is directly supplied by VDD.
* Functional I
2C™ interface properties correspond to the NXP I²C™ bus specification Rev. 0.3 (June 2009).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com