Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3036CC1C Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 41Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 42Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 43Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 44Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 45Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 46Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 47Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 48Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 49Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
45 of 49
4
Die Dimensions and Pad Assignments
The ZSSC3036 is available in die form with chip size (including scribe line) of 1.5mm
2. See Figure 4.1 for
additional dimensions.
In Figure 4.1, the outer dimensions shown are estimations for a die after sawing with remaining scribe-line silicon
of approximately 20µm around the core die. Thus, the effective outer dimensions might differ slightly.
Figure 4.1
ZSSC3036 Pad Placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com