Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3036CC1C Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 14Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 15Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 16Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
16 of 49
Table 2.7
Typical Conversion Times vs. Noise Performance for 16-Bit Results with Full Sensor Signal
Conditioning for AZBM, BM, AZTM, and TM
Note:
The pink shading indicates ZMDI’s recommended ADC segmentation for temperature sensor measurement.
ADC Segmentation:
Temperature Sensor
[MSB/LSB]
ADC Segmentation: Bridge
Sensor [MSB/LSB]
Typical Measurement
Duration, MEASURE, (ACHEX)
[ms]
Typical 3-Sigma Noise for
SSC-Corrected Output
1)
[counts]
10 / 6
10 / 6
3.5
11.0
10 / 6
12 / 4
7.9
7.2
10 / 6
14 / 2
25.7
5.7
10 / 6
16 / 0
97.1
5.6
12 / 4
10 / 6
7.9
10.3
12 / 4
12 / 4
11.9
6.9
12 / 4
14 / 2
29.4
5.5
12 / 4
16 / 0
102.4
5.2
16 / 0
10 / 6
97.1
9.7
16 / 0
12 / 4
102.4
6.5
16 / 0
14 / 2
120.5
5.3
16 / 0
16 / 0
194.2
4.8
1)
Reference noise values obtained with this setup: 13.7k
Ω sensor bridge, 25°C, Gain=64, ADC shift=-1/16 through 15/16 (see below), VDD=1.8V.
The ADC offset is programmable in 8 steps so that the ADC input voltage range can be adapted to the voltage
range at the input pins INP and INN. Possible ADC input voltages are shown in Figure 2.2, where VAGND  VDDB/2.
The ADC offset is controlled by the A2D_Offset setting bits [12:10] in the Measurement Configuration Register
BM_config (10HEX; see section 3.6.3) in the MTP memory (see section 2.4.2). The ADC offset settings are listed in
Table 2.8. See section 1.4 for typical values for Vrefn and Vrefp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com