| Electronic Components Datasheet Search |
|
ZSSC3036CC1C Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ZSSC3036CC1C Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers |
|
12 / 49 page ![]() ZSSC3036 Low-Power 16-Bit Sensor Signal Conditioner IC Data Sheet May 28, 2013 © 2013 Zentrum Mikroelektronik Dresden AG — Rev. 1.20 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice. 12 of 49 The amplifier consists of two stages with programmable gain values. The 1/f noise and inherent offset are suppressed by auto-zero and chopper stabilizer techniques. This auto-zero sequence is performed before each bridge sensor and temperature measurement to compensate for the inherent offset of the amplifier. The ZSSC3036 employs a 2-stage analog-to-digital converter (ADC) based on switched-capacitor technique with inherit low-pass behavior and noise suppression. The programmable resolution from 10 to 16 bits provides flexibility for adapting the conversion characteristics. To improve power supply noise suppression, the ADC uses the bridge supply VDDB as its reference voltage. The remaining IC-internal offset and the sensor element offset, i.e., the overall system offset for the amplifier and ADC, can be canceled by an offset and auto-zero measurement, respectively. The DSP accomplishes the auto-zero, span, and 1 st and 2nd order temperature compensation of the measured bridge signal. The correction coefficients are stored in the MTP memory. The ZSSC3036 supports SPI and I 2C™ interface communication for controlling the ZSSC3036, configuration, and measurement result output. 2.3. Analog Front End 2.3.1. Amplifier The amplifier has a differential architecture and consists of two stages. The amplification of each stage and the sensor bridge gain polarity are programmable via settings in the Measurement Configuration Register BM_config (address 10HEX; see section 3.6.3) in the MTP memory (see section 2.4.2). The first five bits of BM_config are the programmable gain settings Gain_stage1 and Gain_stage2. The options for the programmable gain settings are listed in Table 2.1 and Table 2.2. Table 2.1 Amplifier Gain: Stage 1 Gain_stage1 BM_config Bit G1 BM_config Bit G0 Stage 1 Gain Setting 0 0 12 0 1 20 1 0 30 1 1 40 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |