Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3036CC1C Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 30Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 31Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 32Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 33Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 34Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 35Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 36Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 37Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
34 of 49
MTP
Address
Word / Bit
Range
Default
Setting
Description
Notes / Explanations
Signal Conditioning Parameters
03HEX
0
0BIN
Offset_B[16]
Bridge offset, bit[16]
—functions as the MSB and
combines with Offset_B[15:0] in 05HEX to form the
17-bit
coefficient’s absolute value
1
0BIN
Offset_B_sign
Sign for sensor bridge offset (Offset_B):
0 => a positive value or
1 => a negative value
2
0BIN
Gain_B[16]
Bridge gain, bit[16]
—functions as the MSB and
combines with Gain_B[15:0] in 06HEX to form the
17-bit
coefficient’s absolute value
3
0BIN
Gain_B_sign
Sign of the sensor bridge gain (Gain_B):
0 => a positive value or
1 => a negative value
4
0BIN
Tcg[16]
1
st-order temperature coefficient of the bridge gain,
bit[16]
—functions as the MSB and combines with
Tcg[15:0] in 07HEX to form the 17-bit coefficient’s
absolute value
5
0BIN
Tcg_sign
Sign of 1
st-order temperature coefficient (Tcg):
0 => a positive value or
1 => a negative value
6
0BIN
Tco[16]
1
st-order temperature coefficient of the bridge offset,
bit[16]
—functions as the MSB and combines with
Tco[15:0] in 08HEX to form the 17-bit coefficient’s
absolute value
7
0BIN
Tco_sign
Sign of 1
st-order temperature coefficient (Tco):
0 => a positive value or
1 => a negative value
8
0BIN
SOT_tco[16]
2
nd-order temperature coefficient of the bridge offset,
bit[16]
—functions as the MSB and combines with
SOT_tco[15:0] in 09HEX to form the 17-bit
coefficient’s absolute value
9
0BIN
SOT_tco_sign
Separate sign setting for 2
nd-order temperature
coefficient (SOT_tco):
0 => a positive value or
1 => a negative value
10
0BIN
SOT_tcg[16]
2
nd-order temperature coefficient of the bridge gain,
bit[16]
—functions as the MSB and combines with
SOT_tcg[15:0] in 0AHEX to form the 17-bit
coefficient’s absolute value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com