Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3036CC1C Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 14Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 15Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 16Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
14 of 49
3) Determine which of the two following cases is valid.
a. If RatioOffset – A2D_offset ≤ 0 then calculate
Theoretical optimum gain: Gainopt =(1 – A2D_offset) * Vref / Vmax
b. If RatioOffset – A2D_offset > 0 then calculate
Theoretical optimum gain: Gainopt = A2D_offset * Vref / |Vmin|
with:
Vref = Vrefp – Vrefn = 0.94·VDDB,min  1.5V
Finally, select the setup gain (Gainsetup) as the nearest gain to Gainopt, where Gainsetup ≤ Gainopt.
2.3.2.
Analog-to-Digital Converter
A second-order charge-balancing analog-to-digital converter (ADC) is used to convert the amplifier signal. To
allow optimizing the trade-off between conversion time and resolution, the conversion is split into a MSB coarse
conversion and an LSB fine conversion. The final ADC resolution is determined by MSB + LSB. For the bridge
measurement, the MSB-LSB segmentation is programmable via the Msb and Lsb settings in the BM_config
register (10HEX; see section 3.6.3) stored in the MTP memory (see section 2.4.2). For the temperature
measurement, the MSB-LSB segmentation is programmable via the Temp_ADC settings in the BM_config
register.
The conversion time is proportional to 2
MSB +2LSB. During the MSB coarse conversion, the ADC input signal is
sampled and integrated 2
MSB times, resulting in inherit low-pass behavior and noise suppression. The longer the
MSB coarse conversion is, the better the noise suppression is. Possible settings are listed below in Table 2.4 and
Table 2.5.
Table 2.4
MSB/LSB Segmentation Settings for Bridge Measurement
Msb Setup Bits [7:6]
in BM_config
Number of MSB Coarse
Conversion Bits
Lsb Setup Bits [9:8]
in BM_config
Number of LSB Fine
Conversion Bits
00BIN
10
00BIN
0
01BIN
12
01BIN
2
10BIN
14
10BIN
4
11BIN
16
11BIN
6
Table 2.5
MSB/LSB Segmentation Settings for Temperature Measurement
Temp_ADC Setup Bits
[14:13] in BM_config
Number of MSB Coarse
Conversion Bits
Number of LSB Fine
Conversion Bits
00BIN
Setup according to ZMDI configuration in reserved memory
(recommended setup for best performance and speed trade-off)
01BIN
16
0
10BIN
10
6
11BIN
12
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com