Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3036CC1C Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 24Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 25Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 26Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 27Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
24 of 49
The SPI/I
2C™ commands supported by the ZSSC3036 are listed in Table 3.1. The command to read an address
in the user memory is the same as its address. The command to read the 16-bit memory status of the data at an
address in user memory is the address plus 20HEX. The command to write to an address in user memory is the
address plus 40HEX.
There is a ZMDI-reserved section of memory that can be read but not over-written by the user.
Table 3.1
SPI/I
2C™ Commands
Note: Every return starts with a status byte followed by the data word as described in section 3.5.1.
Command
(Byte)
Return
Description
Normal
Mode
Command
Mode
00HEX to 17HEX
16-bit user data
Read data in the user memory address
(00HEX to 17HEX) matching the command
(might not be using all addresses).
yes
yes
20HEX to 37HEX
16-bit user memory status
Read memory status for address specified by
command minus 20HEX (addresses 00HEX to
17HEX respectively; see section 3.6.2 for a
description of the memory status).
yes
yes
40HEX to 57HEX
followed by data
(0000HEX to
FFFFHEX)
—
Write data to user memory at address
specified by command minus 40HEX
(addresses 00HEX to 17HEX respectively; might
not be using all addresses).
no
yes
70HEX to 7EHEX
16-bit ZMDI-reserved
memory data
Read data in ZMDI-reserved memory at
address specified by command minus 70HEX
(second set of addresses 00HEX to 0EHEX
respectively).
no
yes
80HEX to 8EHEX
16-bit ZMDI-reserved
memory status
Read memory status bytes for ZMDI-
reserved memory data at address specified
by command minus 80HEX (second set of
addresses 00HEX to 0EHEX respectively; see
section 3.6.2 for a description of the memory
status bytes).
no
yes
5EHEX
—
Increment user memory page pointer.
no
yes
A0HEX to A7HEX
followed by
XXXXHEX
(see Table 3.2)
16-bit wide raw data
Get_Raw
This command can be used to
perform a measurement and write the raw
ADC data into the output register. The LSB of
the command determines how the AFE
configuration
register
is
loaded
for
the
Get_Raw measurement (see Table 3.2).
yes
yes
A8HEX
—
Start_NOM
Exit Command Mode and
transition to Normal Mode.
no
yes
A9HEX
—
Start_CM
Exit Normal Mode and transition
to Command Mode.
yes
no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com