Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3036CC1C Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 24Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 25Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 26Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 27Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 28Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
25 of 49
Command
(Byte)
Return
Description
Normal
Mode
Command
Mode
AAHEX
—
Write_ChecksumC
If not yet written, the
checksum for the valid user MTP page is cal-
culated and written to MTP.
no
yes
ACHEX
16-bit fully corrected bridge
measurement data + 16-bit
corrected internal
temperature
Measure
Triggers full measurement cycle
(AZBM, BM, AZTM, and TM, as described in
section 3.2) and calculation and storage of
data in interface (configurations from MTP).
yes
yes
FXHEX
Status followed by last data
NOP Only valid for SPI (see 3.5.1 and 3.5.2).
yes
yes
Table 3.2
Get_Raw Commands
Command
Measurement
AFE Configuration Register
A0HEX followed by 0000HEX
BM
– Bridge Measurement
BM_Config
A1HEX followed by ssssHEX
BM
– Bridge Measurement
ssss is the
user’s configuration setting for the measure-
ment provided via the interface. The format and pur-
pose of configuration bits must be according to the
definitions for BM_Config.
A2HEX followed by 0000HEX
BM-AZBM
– Auto-Zero Corrected
Bridge Measurement
1)
BM_Config
A3HEX followed by ssssHEX
BM-AZBM
– Auto-Zero Corrected
Bridge Measurement
2)
ssss is the user’s configuration setting for the measure-
ment provided via the interface. The format and pur-
pose of configuration bits must be according to the
definitions for BM_Config.
A4HEX followed by 0000HEX
TM
– Temperature Measurement
ZMDI-defined register
A5HEX followed by ssssHEX
TM
– Temperature Measurement
ssss is the user’s configuration setting for the measure-
ment provided via the interface. The format and pur-
pose of configuration bits must be according to the
definitions for BM_Config being valid for temperature
measurement in this case (bits [15:13] will be ignored).
A6HEX followed by 0000HEX
TM-AZTM
– Auto-Zero Corrected
Temperature Measurement
1)
ZMDI-defined register
A7HEX followed by ssssHEX
TM-AZTM
– Auto-Zero Corrected
Temperature Measurement
2)
ssss is the user’s configuration setting for the measure-
ment provided via the interface. The format and pur-
pose of configuration bits must be according to the
definitions for BM_Config being valid for temperature
measurement in this case (bits [15:13] will be ignored).
1)
Recommended for raw data collection during calibration coefficient determination using pre-programmed (in MTP) measurement setups.
2)
Recommended for raw data collection during calibration coefficient determination using un-programmed (not in MTP), external measurement
setups; e.g., for evaluation purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com