Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3036CC1C Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 14Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
11 of 49
2
Circuit Description
2.1.
Brief Description
The ZSSC3036 provides a highly accurate amplification of bridge sensor signals. The compensation of sensor
offset, sensitivity, temperature drift, and non-linearity is accomplished via an 18-bit DSP core running a correction
algorithm with calibration coefficients stored in an MTP memory. The ZSSC3036 can be configured for a wide
range of resistive bridge sensor types. A digital interface (SPI or I
2C™) enables communication. The ZSSC3036
supports two operational modes: Normal Mode and Command Mode. Normal Mode is the standard operating
mode. Typically in Normal Mode, the ZSSC3036 wakes up from a Sleep State (low power), runs a measurement
in Active State, and automatically returns to the Sleep State. (See section 3.3 for details on operational modes.)
2.2.
Signal Flow and Block Diagram
See Figure 2.1 for the ZSSC3036 block diagram. The sensor bridge supply VDDB and the power supply for analog
circuitry are provided by a voltage regulator, which is optimized for power supply disturbance rejection (PSRR).
See section 1.4 for a graph of PSRR versus frequency. To improve noise suppression, the digital blocks are
powered by a separate voltage regulator. A power supervision circuit monitors all supply voltages and generates
appropriate reset signals for initializing the digital blocks.
The state machine controls the analog circuitry to perform the three measurement types: bridge, temperature, and
offset measurement. The multiplexer selects the signal input to the amplifier, which can be the external signals
from the input pins INP and INN, the internal temperature reference sensor signals, or an input short for
measuring offset. A full measurement request will trigger an automatic sequence of all measurement types and all
input signals. The Temperature Reference Sensor block is based on a resistive sensing element.
Figure 2.1
ZSSC3036 Functional Block Diagram
Sensor
Bridge
AGND / CM
Generator
Bias Current
Generator
Power-ON
Reset
Temperature
Reference
Sensor
18-bit DSP Core
(Calculations,
Communication)
MTP
ROM
System
Control
Unit
Pre-
Amplifier
VTP
VTN
EOC
INP
INN
VDD
VSSB
Ring
Oscillator
Clock
Generator
SEL
SPI
I²C
TM
SCLK/SCL
MISO
MOSI/SDA
SS
VSS
Voltage
Regulator
Power Ctr.
Vreg int
A
D
16 Bit
VDDB
ZSSC3036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com