Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3036CC1C Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 24Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 25Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 26Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 27Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 28Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 29Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
26 of 49
3.5.
Communication Interface
3.5.1.
Common Functionality
Commands are handled by the command interpreter in the LV section. Commands that need additional data are
not treated differently than other commands because the HV interface is able to buffer the command and all the
data that belongs to the command and the command interpreter is activated as soon as a command byte is
received.
Every response starts with a status byte followed by the data word. The data word depends on the previous
command. It is possible to read the same data more than once if the read request is repeated (I
2C™) or a NOP
command is sent (SPI). If the next command is not a read request (I²C
™) or a NOP (SPI), it invalidates any
previous data.
The status byte contains the following bits (see Table 3.3, Table 3.4, and Table 3.5 for sequence):
Power indication (bit 6): 1 if the device is powered (V
DDB on); 0 if not powered. This is needed for SPI Mode
where the master reads all zeros if the device is not powered or in power-on reset (POR).
Busy indication (bit 5): 1 if the device is busy, which indicates that the data for the last command is not
available yet. No new commands are processed if the device is busy.
Actual ZSSC3036 mode (bits 4:3): 00 = Normal Mode; 01 = Command Mode; 1X = ZMDI-reserved.
Memory integrity/error flag (bit 2): 0 if integrity test passed, 1 if test failed. This bit indicates whether the
checksum-based integrity check passed or failed. Correctable errors are not reported but can be queried
with the memory status commands (see section 3.6.2). The memory error status bit is calculated only
during the power-up sequence, so a newly written CRC will only be used for memory verification and status
update after a subsequent ZSSC3036 power-on reset (POR).
Data transfer/correction (bit 1): If the last command was a memory write, this bit is 0 if the last memory
write was successful (memory not full yet); otherwise it is 1 (e.g., page increase but already on last MTP
page). If the last command was a memory read, this bit is 1 if the data was corrected.
Table 3.3
General Status Byte
Bit
7
6
5
4
3
2
1
0
Meaning
0
Powered?
Busy?
Mode
Memory error?
Internal data
transfer
Special
Table 3.4
Status Byte for Read Operations
Bit
7
6
5
4
3
2
1
0
Meaning
0
Powered?
Busy?
Mode
Memory error?
Data corrected?
ALU saturation?
Table 3.5
Status Byte for Write Operations
Bit
7
6
5
4
3
2
1
0
Meaning
0
Powered?
Busy?
Mode
Memory error?
Memory full? 
MTP write reject?
Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com