Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3036CC1C Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 41Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 42Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 43Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 44Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 45Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 46Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 47Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 48Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 49Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
48 of 49
8
Glossary
Term
Description
A2D
Analog-to-digital
ACK
Acknowledge (
interface’s protocol indicator for successful data/command transfer)
ADC
Analog-to-digital converter or conversion
AZ
Auto-Zero (unspecific)
AZB
Auto-Zero measurement for sensor bridge path
AZT
Auto-Zero Measurement for temperature path
CLK
Clock
DAC
Digital-to-analog conversion or converter
DF
Data Fetch (this is a command type)
DSP
Digital signal processor (digital configuration, calibration, calculation, communication unit)
FSO
Full scale output (value in percent relative to the ADC maximum output code; resolution dependent)
LSB
Least significant b
it (“fine” portion of the converted signal)
LFSR
Linear Feedback Shift Register
MR
Measurement Request (this is a command type)
MSB
Most significant b
it (“coarse” portion of the converted signal)
NACK
Not Acknowledge (
interface’s protocol indicator for unsuccessful data/command transfer)
POR
Power-on reset
PreAmp
Preamplifier
SM
Signal measurement
SOT
Second-order term
TC
Temperature coefficient (of a resistor or the equivalent bridge resistance)
TM
Temperature measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com