Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3036CC1C Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 24Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 25Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
22 of 49
Figure 3.1
Operational Flow Chart: Power Up
Receive: Command
HV-Operation
LV-Operation
SEL==1
no (SPI)
yes (I
2CTM)
I
2CTM - Interface
SPI - Interface
Command: load IC-I²C Addr.
LV Operation
IC Power On
Power down (switch
off LV and wait for
command)
Save: IC I²C Address /
Data / Status
Color Legend:
Received I²C
Slave_Addr == IC I²C
Slave_Addr
yes
IO_mode = I
2CTM
IO_mode = SPI
Switch off pull-up at SEL
Execute: Data Fetch
Read_bit == 1
(Data fetch)
yes
no
CommandMode
==active
yes
no
Power up LV
Command: load I/O setup
LV Operation
Save: Setup / Data /
Status
Power up LV
Power down (switch
off LV and wait for
command)
SS == 1
yes
Execute: Data Fetch
Received CMD ==
Read_DF
yes
CommandMode
==active
yes
no
no
Receive: Command
no
no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com