Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXP209 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
7. Pin Definition
Num
Name
Type
Condition
Function Description
1
SDA
IO
Data pin for serial interface, normally it connect a 2.2K
resistor to 3.3V I / O power
2
SCK
I
it is the Clock pin for serial interface, normally it connect
a 2.2K resistor to 3.3V I / O power
3
GPIO3
IO
REG9EH [7]
GPIO 3
4
N_OE
I
Power output on / off switch
GND: on; IPSOUT: off
5
GPIO2
IO
REG92H [2: 0]
GPIO 2
6
N_VBUSEN
I
VBUS to IPSOUT Selection
GND: IPSOUT select VBUS
High: IPSOUT do not select VBUS
7
VIN2
PI
DCDC2 input source
8
LX2
IO
Inductor Pin for DCDC2
9
PGND2
G
NMOS Ground for DCDC2
10
DCDC2
I
DC-DC2 feedback pin
11
LDO4
O
Output Pin of LDO4
12
LDO2
O
Output Pin of LDO2
Confidential
Page 12/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com