Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXP209 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
System reset function and output monitoring (PWROK)
The PWROK in AXP209 can be used as the reset signal for the application system. During AXP209
startup, PWROK outputs low level, which will then be pulled high to startup and reset the system after
all output voltage reaches the regulated value.
Under normal operation, the AXP209 will be always monitoring the voltage and load status. If overload
or under-voltage occurs, the PWROK will instantly be driven low to reset the system and prevent data
losses.
9.2 Power path management (IPS)
The AXP209 power input can come from lithium battery (BAT),USB VBUS Input, external power
supply (ACIN). The IPS will select an appropriate power source depending on the battery and external
power conditions.
O When only the battery is available, no external power input, the battery powers the system;
O When there is a valid external power source(VBUS Or ACIN), is is the preferred power supply.
O When the external power is removed, the IPS will seamlessly switch over to battery power.
O When both VBUS and ACIN are available, ACIN will be used to power the system and recharge
the lithium battery;
O If the ACIN cannot provide sufficient current, VBUS is also connected to source more
current;
O If the drive capacity is still insufficient, then the charge current is reduced to zero, the
battery is used to power the system.
Therefore, compatibility of the system with external powers of different drive ability can be
dramatically improved, and no special customized adapters are required to be provided on the part
of manufacturers.
Please refer to the following diagram.
As shown above, when ACIN provides insufficient load ability, IPSOUT voltage will fall, and BAT
will change from charge to discharge to supply load current together with ACIN.
Confidential
Page 17/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com