Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXP209 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
7-6
Startup press time settings
00: 128mS; 01: 3S; 10: 1S; 11: 2S.
RW
01
5-4
Long press time setting
00: 1S; 01: 1.5S;10: 2S; 11: 2.5S.
RW
01
3
Automatic shutdown on long press time exceeding the shutdown time
RW
1
0:Disable; 1:Enable
2
PWROK Signal Delay after power-up completed
RW
1
0: 8mS; 1: 64mS
1-0
Shutdown time setting
00: 4S; 01: 6S; 10: 8S; 11: 10S.
RW
01
10.18 REG 37H: DC-DC Operating frequency settings
The default value: 08H
Bit
Description
R / W
Default
value
7-4
Reserved, can not be
changed
3-0
DC-DC switching frequency
Each level changes by 5%
The default value 1.5MHz
RW
1000
F = [1 +/- (Bit3-0) * 5%)] * 1.5MHz
10.19 REG 38H: VLTF-charge Battery charging low temperature threshold settings
The default value: A5H
Bit
Description
R / W
Default
value
7-0
Battery Under-temperature
threshold setting when the
battery is charging, M
M*10H,When M=A5H, corresponding
voltage is 2.112V
RW
A5H
Voltage range 0V ~ 3.264V
VLTF-charge = M * 10H * 0.0008V
10.20 REG 39H: VHTF-charge Battery charging high temperature threshold setting
The default value: 1FH
Bit
Description
R / W
Default
value
7-0
When charging the battery
temperature threshold setting,N
N*10H, When N=1FH, the
corresponding voltage is 0.397V
RW
1FH
Voltage range 0V ~ 3.264V
VHTF-charge = N * 10H * 0.0008V
10.21 REG 3AH: System IPSOUT Vwarning Level1
The default value: 68H
Bit
Description
R / W
Default
value
7-0
System IPSOUT Vwarning Level1
RW
68H
Confidential
Page 36/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com