Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXP209 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
9.7 Signal Acquisition System
Simple battery monitors estimate the battery energy by measuring the battery voltage. However, the
multiple 12-bit ADCs in the AXP209 can measure battery voltage, as well as battery current and
external power voltage and current. It integrates battery charge and discharge coulomb counter. Using
this data, the Host is capable of calculating accurately the battery energy and other battery data, such
as the system real-time consumption, remaining battery energy, battery charge progress, remaining
battery using time and charge time, etc.
The enabled state and sampling rate of each ADC can be set via registers REG82H, 83H, 84H. The
sampling results will be saved in corresponding registers, and reference can be made to the
ADC data in Register Instruction section. The input range of GPIO[1:0] can be set via register
REG85H, while register REG00H[2] is used to indicate the battery charge/discharge current directions.
Channel
000H
STEP
FFFH
Battery Voltage
0mV
1.1mV
4.5045V
Bat discharge current
0mA
0.5mA
4.095A
Bat charge current
0mA
0.5mA
4.095A
ACIN voltage
0mV
1.7mV
6.9615V
ACIN current
0mA
0.625mA
2.5594A
VBUS voltage
0mV
1.7mV
6.9615V
VBUS current
0mA
0.375mA
1.5356A
Internal temperature
-144.7C
0.1C
264.8C
APS voltage
0mV
1.4mV
5.733V
TS pin input
0mV
0.8mV
3.276V
GPIO0
0 / 0.7V
0.5mV
2.0475 / 2.7475V
GPIO1
0 / 0.7V
0.5mV
2.0475 / 2.7475V
9.8 Multifunction Pin Description(Multi-Function Pin Description)
GPIO [3: 0]
GPIO[3:0] Can be defined as ADC Input (monitoring external signals), or LDO, etc. Please refer to
REG90H-96H Instruction for details.
CHGLED
Features charge state indication, over-temperature/over-voltage warning, and GPO. Please refer to
REG32H Instruction section for details.
9.9 Timer
AXP209 Contains a 7 bit Internal timer, the value is set by register REG8AH [6: 0]. If the register is set to 0,
the timer is disabled. If REG8AH [6: 0] = A, The timer starts count from 0 to A and sets REG8AH [7], also
Confidential
Page 25/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com