Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXP209 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 45Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
Bit
Description
R / W
Default
value
7
GPIO3 Rising edge IRQ Or
Wakeup Function
0:disable
RW
0
6
GPIO3 Falling edge IRQ Or
Wakeup Function
1:enable
RW
0
5-3
Reserved, can not be changed
2
GPIO3 Feature set
0:NMOS Open Drain Output
RW
0
1: Digital Input Function
1
GPIO3 Output Settings
0:Output low,NMOS Turn on
RW
1
1:Float,NMOS Shut down
0
GPIO3 Input Status
0: Input High
R
1: Input Low
10.41 REG 40H And 48H: IRQ Enable 1 And IRQ Status 1
IRQ Enable 1,REG40H: Default: D8H
Bit
Description
R / W
Default
value
7
ACIN Over-voltage IRQ Enable
RW
1
6
ACIN Connection IRQ Enable
RW
1
5
ACIN Disconnection IRQ Enable
RW
0
4
VBUS Over-voltage IRQ Enable
RW
1
3
VBUS Connection IRQ Enable
RW
1
2
VBUS Disconnection IRQ Enable
RW
0
1
VBUS Available but less than VHOLDIRQ Enable
RW
0
0
Reserved, can not be changed
RW
0
IRQ State 1,REG48H: Default: 00H
Bit
Description
R / W
Default
value
7-0
RW
0
The description of each status bit respectively matches each bit of 40H
above; For example:Bit7 Is ACIN Over-voltage IRQ Status bit
10.42 REG 41H And 49H: IRQ Enable 2 And IRQ Status 2
IRQ Enable 2,REG41H: Default: FFH
Bit
Description
R / W
Default
value
7
Battery connected IRQ Enable
RW
1
6
Battery is removed IRQ Enable
RW
1
5
Battery in activation charge mode IRQ Enable
RW
1
4
Exit battery activation mode IRQ Enable
RW
1
3
Charging IRQ Enable
RW
1
2
Charging complete IRQ Enable
RW
1
1
Battery over-temperature IRQ Enable
RW
1
0
Battery low temperature IRQ Enable
RW
1
Confidential
Page 42/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com