Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXP209 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
83
ADC Enable setting register 2
R / W
80H
84
ADC Sample rate settings, TS pin
Control Register
R / W
32H
85
GPIO [1: 0]Input range setting register
R / W
X0H
86
GPIO1 ADC IRQ Rising edge threshold
setting
R / W
FFH
87
GPIO1 ADC IRQ Falling threshold
setting
R / W
00H
8A
Timer control register
R / W
00H
8B
VBUS Monitoring setting register
R / W
00H
8F
Over temperature shutdown control
R / W
01H
Group 2:GPIO Control
Address
Register Description
R / W
Default value
90
GPIO0 Control Register
R / W
07H
91
LDO5 Output voltage setting register
R / W
A0H
92
GPIO1 Control Register
R / W
07H
93
GPIO2 Control Register
R / W
07H
94
GPIO [2: 0]Signal Status Register
R / W
00H
95
GPIO3 Control Register
R / W
00H
Group 3: Interrupt Control
Address
Register Description
R / W
Default value
40
IRQ Enable Control Register 1
R / W
D8H
41
IRQ Enable Control Register 2
R / W
FFH
42
IRQ Enable Control Register 3
R / W
3BH
43
IRQ Enable Control Register 4
R / W
C1H
44
IRQ Enable Control Register 5
R / W
00H
48
IRQ Status Register 1
R / W
00H
49
IRQ Status Register 2
R / W
00H
4A
IRQ Status Register 3
R / W
00H
4B
IRQ Status Register 4
R / W
00H
4C
IRQ Status Register 5
R / W
00H
Group 4: ADC Data
Address
Register Description
R / W
56 [7: 0]
ACIN Voltage ADC Data High 8 Bit
R
57 [3: 0]
ACIN Voltage ADC Data Low 4 Bit
R
58 [7: 0]
ACIN Current ADC Data High 8 Bit
R
59 [3: 0]
ACIN Current ADC Data Low 4 Bit
R
5A [7: 0]
VBUS Voltage ADC Data High 8 Bit
R
5B [3: 0]
VBUS Voltage ADC Data Low 4 Bit
R
5C [7: 0]
VBUS Current ADC Data High 8 Bit
R
Confidential
Page 29/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com