Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXP209 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
5D [3: 0]
VBUS Current ADC Data Low 4 Bit
R
5E [7: 0]
AXP209 Internal temperature monitoring ADC Data High 8 Bit
R
5F [3: 0]
AXP209 Internal temperature monitoring ADC Data Low 4 Bit
R
62 [7: 0]
TS Input ADC Data High 8 Bit, the default monitor battery
temperature
R
63 [3: 0]
TS Input ADC Data Low 4 Bit, the default monitor battery
temperature
R
64 [7: 0]
GPIO0 Voltage ADC Data High 8 Bit
R
65 [3: 0]
GPIO0 Voltage ADC Data Low 4 Bit
R
66 [7: 0]
GPIO1 Voltage ADC Data High 8 Bit
R
67 [3: 0]
GPIO1 Voltage ADC Data Low 4 Bit
R
70 [7: 0]
High instantaneous power battery 8 Bit
R
71 [7: 0]
Instantaneous power in the battery 8 Bit
R
72 [7: 0]
Instantaneous battery power is low 8 Bit
R
78 [7: 0]
Battery voltage is high 8 Bit
R
79 [3: 0]
Battery voltage is low 4 Bit
R
7A [7: 0]
Battery charge current high 8 Bit
R
7B [3: 0]
Battery charge current low 4 Bit
R
7C [7: 0]
Battery discharge current high 8 Bit
R
7D [4: 0]
Battery discharge current low 5 Bit
R
7E [7: 0]
System IPSOUT High Voltage 8 Bit
R
7F [3: 0]
System IPSOUT Voltage Low 4 Bit
R
Note: The battery-powered power calculation method
Pbat = 2 * Register values * Voltage LSB * Current LSB / 1000.
Where the voltage LSB is 1.1mV; Current LSB is 0.5mA, Calculated in units of mW.
Address
Register Description
R / W
Default
value
B0
Coulomb charging the battery meter data
register[31:24]
R / W
00H
B1
Coulomb charging the battery meter data
register[23:16]
R / W
00H
B2
Coulomb charging the battery meter data register[15:
8]
R / W
00H
B3
Coulomb charging the battery meter data register[7: 0]
R / W
00H
B4
Coulomb gauge battery discharge data register[31:24]
R / W
00H
B5
Coulomb gauge battery discharge data register[23:16]
R / W
00H
B6
Coulomb gauge battery discharge data register[15: 8]
R / W
00H
B7
Coulomb gauge battery discharge data register[7: 0]
R / W
00H
B8
Coulomb gauge and encryption module control register
R / W
00H
B9
Power measurement result register
R / W
00H
Coulomb calculation method:
C= 65536 * current LSB *(charge coulomb counter value - discharge coulomb counter value) /
3600 / ADC sample rate.
Refer to REG84H setting for ADC sample rate;the current LSB is 0.5mA;unit of the calculation
result is mAh.
Confidential
Page 30/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com