Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXP209 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
7
Battery voltage ADC Enable
0:Disable, 1:Enable
RW
1
6
Battery current ADC Enable
RW
0
5
ACIN Voltage ADC Enable
RW
0
4
ACIN Current ADC Enable
RW
0
3
VBUS Voltage ADC Enable
RW
0
2
VBUS Current ADC Enable
RW
0
1
APS Voltage ADC Enable
RW
1
0
TS Pin ADC Function is enabled
RW
1
10.27 REG 83H: ADC Enable 2
The default value: 80H
Bit
Description
R / W
Default
value
7
AXP209 Internal temperature
monitoring ADC Enable
0:Disable, 1:Enable
RW
1
6-4
Reserved, can not be changed
3
GPIO0 ADC Function is enabled
0:Disable, 1:Enable
RW
0
2
GPIO1 ADC Function is enabled
RW
0
1-0
Reserved, can not be changed
10.28 REG 84H: ADC Sampling rate settings, TS Pin control
The default value: 32H
Bit
Description
R / W
Default
value
7-6
ADC Sampling rate settings
25 × 2
n
RW
0
Sampling rates is 25, 50, 100, 200Hz
5-4
TS Pin output current setting:
RW
11
00: 20uA; 01: 40uA; 10: 60uA; 11: 80uA
3
Reserved, can not be changed
2
TS Pin function select
RW
0
0:Battery temperature monitoring function,1:External independent ADC
1-0
TS Current output setting
00:Disabled
RW
1
01:Output current only when charging
RW
0
10: Only when ADC is sampling input
11:Always enabled
10.29 REG 85H: ADC Input Range
The default value: X0H
Confidential
Page 38/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com