Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXP209 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
10.8 REG 27H: DC-DC3 output voltage setting
The default value: XXH
Bit
Description
R / W
Default
value
7
Reserved, can not be changed
6-0 DC-DC3 output voltage setting
0.7-3.5V, 25mV / step
RW
X
Vout = [0.7+ (Bit6-0) * 0.025] V
10.9 REG 28H: LDO2 / 4 output voltage setting
The default value: XXH
Bit
Description
R / W
Default
value
7-4
LDO2 output voltage setting
1.8-3.3V, 100mV / step
RW
X
Vout = [1.8+ (Bit7-4) * 0.1] V
3-0
LDO4 output voltage setting
1.25, 1.3, 1.4, 1.5, 1.6, 1.7, 1.8, 1.9,
2.0, 2.5, 2.7, 2.8, 3.0, 3.1, 3.2, 3.3
RW
X
10.10 REG 29H: LDO3 output voltage setting
The default value: XXH
Bit
Description
R / W
Default
value
7
LDO3 Mode selection:
RW
0
0:LDO Mode, the voltage is set by [6: 0]
1:enable/disable control mode, voltage is determined by LDO3IN.
6-0
LDO3 output voltage setting
0.7-2.275V,25mV / step
Vout = [0.7+ (Bit6-0) * 0.025] V
RW
X
10.11 REG 30H: VBUS-IPSOUT Power Path Management
The default value: 6XH
Bit
Description
R /
W
Default
value
7
VBUS-IPSOUT Path selection control signal source
RW
0
0:By N_VBUSEN pin controls whether to enable this path
1: VBUS-IPSOUT enabled, regardless of N_VBUSEN State
6
VBUS VHOLD voltage limiting control
RW
1
0: No voltage drop limit ; 1: Limit the voltage drop
5-3
VHOLD Set
VHOLD= [4.0+ (Bit5-3) * 0.1] V
RW
100
2
Reserved, can not be changed
1-0
VBUS current-limit selection when current-limit is enabled
00:900mA ; 01:500mA; 10:100mA; 11:no limit
RW
0
Confidential
Page 33/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com