Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXP209 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 45Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
Bit
Description
R / W
Default
value
7
Timer expires IRQ Enable
RW
0
6
PEK Button on the rising edge IRQ Enable
RW
0
5
PEK Button on the falling edge IRQ Enable
RW
0
4
Reserved, can not be changed
RW
0
3
GPIO3 Edge trigger input IRQ Enable
RW
0
2
GPIO2 Edge trigger input IRQ Enable
RW
0
1
GPIO1 input edge-trigger or ADC Input IRQ Enable
RW
0
0
GPIO0 Edge trigger input IRQ Enable
RW
0
IRQ State 5,REG4CH: Default: 00H
Bit
Description
R / W
Default
value
7-0
Meaning of the status bits corresponds to each bit 44H above
RW
0
Note: Writing 1 to all IRQ status register bits will clear corresponding status.
10.51 REG B8H:Coulomb Counter Control
The default value: 00H
Bit
Description
R / W
Default
value
7
Coulomb gauge enable/disable
RW
0
6
Coulomb counter suspend control. Writing “1” to this bit will suspend the
Coulomb counter, and this bit will be automatically cleared to 0 as well
RW
0
5
Coulomb counter clear control. Writing “1” to this bit will clear the coulomb
counter, and this bit will automatically be cleared to 0.
RW
0
4-2
Reserved, can not be changed
RW
0
1-0
Decrypt the start bit. Automatically clear to 0 after the decryption.
RW
0
0
Decryption is complete:
RW
0
0: Not finished
1: Finished
10.52 REG B9H:Fuel Gauge
The default value: 7FH
Bit
Description
R / W
Default
value
7
Fuel Gauge Control
RW
0
0: Normal operating mode
1: Suspended
6-0
Fuel gauge percentage
R
7F
Confidential
Page 44/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com