Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXP209 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 45Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
IRQ State 2,REG49H: Default: 00H
Bit
Description
R / W
The
default
value
7-0
Meaning of the status bits correspond to each bit of 41H listed above
RW
0
10.43 REG 42H And 4AH: IRQ Enable 3 And IRQ Status 3
IRQ Enable 3,REG42H: Default: 03H
Bit
Description
R / W
Default
value
7
AXP209 Internal over-temperature IRQ Enable
RW
0
6
Charging current is less than the set current IRQ Enable
RW
0
5
Reserved, can not be changed
4
DC-DC2 The output voltage is less than the set value IRQ Enable
RW
0
3
DC-DC3 The output voltage is less than the set value IRQ Enable
RW
0
2
LDO3 The output voltage is less than the set value IRQ Enable
1
PEK Short press IRQ Enable
RW
1
0
PEK Long press IRQ Enable
RW
1
IRQ State 3,REG4AH: Default: 00H
Bit
Description
R / W
Default
value
7-0
Meaning of the status bits correspond to each bit of 42H above
RW
0
10.44 REG 43H And 4BH: IRQ Enable 4 And IRQ Status 4
IRQ Enable 4,REG43H: Default: 01H
Bit
Description
R / W
Default
value
7
N_OE startup IRQ Enable
RW
0
6
N_OE Shutdown IRQ Enable
RW
0
5
VBUS Valid IRQ Enable
RW
0
4
VBUS Invalid IRQ Enable
RW
0
3
VBUS Session A / B IRQ Enable
RW
0
2
VBUS Session End IRQ Enable
RW
0
1
APS Low voltage IRQ Enable (LEVEL1)
RW
0
0
APS Low voltage IRQ Enable (LEVEL2)
RW
1
IRQ State 4,REG4BH: Default: 00H
Bit
Description
R / W
Default
value
7-0
Meaning of the status bits correspond to each bit of 43H above
RW
0
10.45 REG 44H And 4C: IRQ Enable 5 And IRQ Status 5
IRQ Enable 5,REG44HThe default value: 00H;
Confidential
Page 43/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com