Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXP209 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
4
Charge termination current settings
RW
0
0:End when charging current is less than 10% of the set value
1:End when charging current is less than 15% of the set value
3-0
Charge current setting
RW
X
Icharge= [300+ (Bit3-0) * 100] mA
10.15 REG 34H:Charge Control 2
The default value: 45H
Bit
Description
R / W
Default
value
7
Pre-charge timeout setting Bit 1
00: 40 min; 01: 50min;
RW
0
6
Pre-charge timeout setting Bit 0
10: 60min; 11: 70min
RW
1
5
Reserved, can not be changed
4
CHGLED Mode Selection
RW
0
0:Constant on when Charging
1:Flashes when charging
3-2
Reserved, can not be changed
1-0
Constant current mode timeout
setting Bit 1-0
00: 6Hours;
01: 8Hours;
RW
01
10: 10Hours;
11: 12Hours
10.16 REG 35H:Backup battery charge control
The default value: 22H
Bit
Description
R / W
Default
value
7
Backup battery charge enable control
RW
0
0:Disable; 1:Enable
6-5
Backup battery voltage target setting
RW
01
00: 3.1V; 01: 3.0V; 10: 3.6V; 11: 2.5V
4-2
Reserved, can not be changed
1-0
Spare battery charging current is set 00: 50uA; 01: 100uA; 10: 200uA;
RW
10
11: 400uA
10.17 REG 36H: PEK Key parameter settings
The default value: 9DH
Bit
Description
R / W
Default
value
Confidential
Page 35/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com