Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXP209 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
VTRGT
ICHRG
VTRKL
ITRKL
VTRGT = charge target voltage. The VTRGT is 4.2V by default, which can be set via a register (Refer to
“REG33H[6:5]”) . At the same time, AXP209 will automatically adjust the charge target voltage when
external power voltage is low.
VRCH = automatic recharge voltage. VRCH=VTRGT-0.1V
Charging current
The charge current is 500mAor 1200mA by default, which can be set by REG33H [3:0].
Charging Process
If the battery voltage is lower than 3.0V, the charger will automatically enter the pre-charge mode, with
charge current being 1/10 of the preset value. If the battery voltage is still below 3.0V 40 minutes later
(adjustable, see “REG34H”), the charger will automatically enter the battery activate mode. Refer to
“Battery Activate Mode” section for details.
Once the battery voltage exceeds 3.0V, the charger enters constant current mode. If the charge current
is below 65% of the preset value, the system will send IRQ17 to indicate that “drive ability of external
power is insufficient”, as a result, the charge current is lower than the preset value, which may lead to
longer charge time, so stronger power is preferred, or power-consuming functions should be disabled to
shorten the charge time.
When the battery voltage reaches the VTRGT, the charger will switch from the constant current mode to
constant voltage mode, and the charge current will taper off.
When the charge current is lower than 10% or 15% (adjustable, see register “REG33H”) of the preset
value, a charge cycle ends, and AXP202 will release IRQ18 while the CHGLED pin will stop indicating
the charging state. When the battery voltage is below VRCH again, the automatic charge will restart, and
IRQ17 will be issued.
Confidential
Page 20/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com