Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXP209 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
10.12 REG 31H: VOFF Shutdown voltage setting
The default value: X3H
Bit
Description
R / W
Default
value
7-4
Reserved, can not be changed
3
Sleep Mode PEK or GPIO edge wakeup enable settings:
0: Disable
1: Enable
This bit will be automatically cleared to 0 after writing, so “1 ”should be
rewritten whenever entering Sleep mode.
2-0
VOFF Setting
VOFF= [2.6+ (Bit2-0) * 0.1] V
RW
011
Default: 2.9V
10.13 REG 32H:Shutdown settings, battery detection, and CHGLED Pin control
The default value: 46H
Bit
Description
R / W
Default
value
7
Shutdown Control
RW
0
This bit is write 1 will shutdown the AXP209 outputs
6
Battery monitoring function setting bit: 0:Shut down; 1:Turn on
RW
1
5-4
CHGLED Pin function setting
00: Hi
RW
00
01: 25% 1Hz Flashing
10: 25% 4Hz Flashing
11: Output Low
3
CHGLED Pin control settings
0: Controlled by charging
RW
0
1: Controlled by REG 32H [5: 4]
2
Output off timing sequence
control
0: Shutdown simultaneously
RW
0
1: Shutdown in reverse sequence to
startup
1-0
RW
10
Shutdown delay time after N_OE
changes from low to high
00: 128mS;
01: 1S;
10: 2S;
11: 3S
10.14 REG 33H:Charge Control 1
The default value: CXH
Bit
Description
R /
W
Default
value
7
Charging function enable control bit
RW
1
0:Disable, 1:Enable
6-5
Charging target voltage
setting
00: 4.1V; 01: 4.15V; 10: 4.2V; 11: 4.36V
RW
10
Confidential
Page 34/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com