Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXP209 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
10.22 REG 3BH: System IPSOUT Vwarning Level2
The default value: 5FH
Bit
Description
R / W
Default
value
7-0
System IPSOUT Vwarning
Level2
RW
5FH
REG3AH, REG3BHVoltage corresponding to the following relationship (where the register
value is n):
Vwarning = 2.8672 + 1.4mV * n * 4
10.23 REG 3CH: VLTF-discharge Battery discharge under temperature threshold settings
The default value: FCH
Bit
Description
R / W
Default
value
7-0
RW
FCH
Battery under-temperature
threshold setting when the battery
is discharging,M
M*10H, when M=FC, corresponding
voltage is 3.226V ;
Voltage ranges from 0V~3.264
VLTF-discharge = M * 10H * 0.0008V
10.24 REG 3DH: VHTF-discharge Battery discharge over temperature threshold settings
The default value: 16H
Bit
Description
R / W
Default
value
7-0
RW
16H
When discharging the battery under
temperature threshold setting,N
N*10H,when N=16H,corresponding
voltage is 0.282V ;
Voltage ranges from 0V~3.264V
VLTF-discharge = N * 10H * 0.0008V
10.25 REG 80H: DC-DC Operating mode selection
The default value: E0H
Bit
Description
R / W
Default
value
7-3
Reserved, can not be changed
2
DC-DC2 Control mode
0: PFM / PWM Automatic switching
RW
0
1
DC-DC3 Control mode
1:Fixed PWM
RW
0
0
Reserved, can not be changed
10.26 REG 82H: ADC Enable 1
The default value: 83H
Bit
Description
R / W
Default
value
Confidential
Page 37/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com