Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXP209 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 45Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
10.37 REG 92H: GPIO1 Feature setttings
The default value: 07H
Bit
Description
R / W
Default
value
7
GPIO1 Rising edge IRQ Or
Wakeup Function
0:disable
RW
0
6
GPIO1 Rising edge IRQ Or
Wakeup Function
1:enable
RW
0
5-3
Reserved, can not be changed
RW
0
2-0
GPIO1 Pin feature set
000:Output Low
RW
111
001:Output High (3.3V)
010:Universal input function
011:Low Noise LDO
100: ADC Input
1XX:Floating
10.38 REG 93H: GPIO2 Feature set
The default value: 07H
Bit
Description
R / W
Default
value
7
GPIO2 Rising edge IRQ Or
Wakeup Function
0:disable
RW
0
6
GPIO2 Falling edge IRQ Or
Wakeup Function
1:enable
RW
0
5-3
Reserved, can not be changed
RW
0
2-0
GPIO2 Pin feature set
000:Output Low
RW
111
001:Floating
010:Universal input function
XXX:Floating
10.39 REG 94H: GPIO [2: 0]Setting and monitoring of signal status
The default value: 00H
Bit
Description
R / W
The
default
value
7
Reserved, can not be changed
R
6
GPIO2 Input Status
0:Input low level
R
5
GPIO1 Input Status
1:Input high level
R
4
GPIO0 Input Status
R
3-0
Reserved, can not be changed
10.40 REG 95H: GPIO3 Settings
The default value: 00H
Confidential
Page 41/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com