Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXP209 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
10.1 REG 00H:Input power status
Bit
Description
R / W
7
ACIN presence indication
R
0: ACIN Does not exist;1: ACIN Exist
6
Instructions ACIN Is available
R
5
VBUS presence indication
R
0: VBUS Does not exist;1: VBUS Exist
4
Indicates if VBUS is useable
R
3
Indicating whether the VBUS voltage is above VHOLD before used.
R
2
Indicates that the battery current direction
R
0:Battery discharging; 1:The battery is charging
1
Indicating whether ACIN and VBUS input short circuit on PCB
R
0
R
Indicating whether the boot source is ACIN or VBUS
0: Boot source isn’t ACIN/VBUS; 1: Boot source is ACIN/VBUS.
10.2 REG 01H:Power mode and charge status indication
Bit
Description
R / W
7
Indicates AXP209 over-temperature
R
0:Not too hot; 1:Over Temperature
6
Charging indicator
R
0:Not charging or charging has been
completed; 1:Charging
5
Battery connected indicator
R
0:No battery is connected to the AXP209; 1:The battery is connected to
the AXP209
4
Reservations can not be changed
R
3
Indicate whether the battery charger entered into activation mode
R
0:Did not enter the cell activation mode; 1:Has entered the cell activation mode
2
Indicates the charging current is less than the expected current
R
0:The actual charge current equal to the desired current; 1:The actual charge current is
less than the desired current
1-0
Reserved, can not be changed
R
10.3 REG 02H: USB OTG VBUS Status Indication
Bit
Description
R / W
7-3
Reserved, can not be changed
2
Indicating whether VBUS is valid or not,1 means “valid”
R
1
Indicating whether VBUS is valid or not,1 means “valid”
R
0
Indicating Session End status,1 means “valid”
R
Confidential
Page 31/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com