Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2810PBKA Datasheet(PDF) 49 Page - Texas Instruments

Part # TMP320F2810PBKA
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2810PBKA Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMP320F2810PBKA Datasheet HTML 45Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 46Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 47Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 48Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 49Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 50Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 51Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 52Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
49
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
OSC and PLL block
The OSC and PLL block on the F2810 and F2812 will use a zero-pin Phase-Locked Loop (ZPLL). Figure 10
shows the implemented features and relevant signals.
XTAL2
XTAL1/CLKIN
On-Chip
Oscillator
(OSC)
4-bit
PLL Select
PLL
Bypass
/2
XPLLDIS
PLL
OSCCLK
Figure 10. OSC and PLL Block
The OSC circuit enables a crystal to be attached to the F2810 and F2812 devices using the X1 and X2 pins.
If a crystal is not used, then an external oscillator can be directly connected to the XCLKIN pin and the X2 pin
is left unconnected. The oscillator input range is 20 MHz to 35 MHz.
Table 36. PLLCR Register Bit Definitions
BIT(S)
NAME
TYPE
XRS RESET†
DESCRIPTION
3:0
DIV
R/W
0,0,0,0
These bits set the PLL clocking ratio. The range of values should be between
(x 1.0) to (x 10.0). The scale between these values should be as linear as
possible:
0000
x 0.5
PLL bypassed but enabled
CLKIN = OSCCLK / 2
0001
x 1.0
PLL connected
CLKIN (OSCCLK * 1.0) / 2
0010
x 2.0
CLKIN = (OSCCLK * 2.0) / 2
0011
x 3.0
CLKIN = (OSCCLK * 3.0) / 2
0100
x 4.0
CLKIN = (OSCCLK * 4.0) / 2
0101
x 5.0
CLKIN = (OSCCLK * 5.0) / 2
0110
x 6.0
CLKIN = (OSCCLK * 6.0) / 2
0111
x 7.0
CLKIN = (OSCCLK * 7.0) / 2
1000
x 8.0
CLKIN = (OSCCLK * 8.0) / 2
1001
x 9.0
CLKIN = (OSCCLK * 9.0) / 2
1010
x 10.0
CLKIN = (OSCCLK * 10.0) / 2
1011
spare
1100
spare
1101
spare
1110
spare
1111
spare
15:4
reserved
R=0
0:0
† The PLLCR register is reset to a known state by the XRS reset line. If a reset is issued by the debugger, the PLL clocking ratio is not changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com