Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2810PBKA Datasheet(PDF) 70 Page - Texas Instruments

Part # TMP320F2810PBKA
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2810PBKA Datasheet(HTML) 70 Page - Texas Instruments

Back Button TMP320F2810PBKA Datasheet HTML 66Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 67Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 68Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 69Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 70Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 71Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 72Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 73Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
70
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
enhanced analog-to-digital converter (ADC) module (continued)
The ADC operation is configured, controlled, and monitored by the registers listed in Table 54.
Table 54. ADC Registers†
NAME
ADDRESS
RANGE
SIZE
(x16)
DESCRIPTION
ADCTRL1
0x0000–7100
1
ADC Control Register 1
ADCTRL2
0x0000–7101
1
ADC Control Register 2
ADCMAXCONV
0x0000–7102
1
ADC Maximum Conversion Channels Register
ADCCHSELSEQ1
0x0000–7103
1
ADC Channel Select Sequencing Control Register 1
ADCCHSELSEQ2
0x0000–7104
1
ADC Channel Select Sequencing Control Register 2
ADCCHSELSEQ3
0x0000–7105
1
ADC Channel Select Sequencing Control Register 3
ADCCHSELSEQ4
0x0000–7106
1
ADC Channel Select Sequencing Control Register 4
ADCASEQSR
0x0000–7107
1
ADC Auto–Sequence Status Register
ADCRESULT0
0x0000–7108
1
ADC Conversion Result Buffer Register 0
ADCRESULT1
0x0000–7109
1
ADC Conversion Result Buffer Register 1
ADCRESULT2
0x0000–710A
1
ADC Conversion Result Buffer Register 2
ADCRESULT3
0x0000–710B
1
ADC Conversion Result Buffer Register 3
ADCRESULT4
0x0000–710C
1
ADC Conversion Result Buffer Register 4
ADCRESULT5
0x0000–710D
1
ADC Conversion Result Buffer Register 5
ADCRESULT6
0x0000–710E
1
ADC Conversion Result Buffer Register 6
ADCRESULT7
0x0000–710F
1
ADC Conversion Result Buffer Register 7
ADCRESULT8
0x0000–7110
1
ADC Conversion Result Buffer Register 8
ADCRESULT9
0x0000–7111
1
ADC Conversion Result Buffer Register 9
ADCRESULT10
0x0000–7112
1
ADC Conversion Result Buffer Register 10
ADCRESULT11
0x0000–7113
1
ADC Conversion Result Buffer Register 11
ADCRESULT12
0x0000–7114
1
ADC Conversion Result Buffer Register 12
ADCRESULT13
0x0000–7115
1
ADC Conversion Result Buffer Register 13
ADCRESULT14
0x0000–7116
1
ADC Conversion Result Buffer Register 14
ADCRESULT15
0x0000–7117
1
ADC Conversion Result Buffer Register 15
ADCCALOFF0
0x0000–7118
1
ADC Calibration Offset Result 0
ADCCALOFF1
0x0000–7119
1
ADC Calibration Offset Result 1
ADCTRL3
0x0000–711A
1
ADC Control Register 3
ADCST
0x0000–711B
1
ADC Status Register
reserved
0x0000–711C
0x0000–711F
4
† The above registers are mapped to peripheral bus 16 space. This space only allows 16-bit accesses. 32-bit accesses produce undefined results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com