Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2810PBKA Datasheet(PDF) 85 Page - Texas Instruments

Part # TMP320F2810PBKA
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2810PBKA Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMP320F2810PBKA Datasheet HTML 81Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 82Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 83Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 84Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 85Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 86Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 87Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 88Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
85
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
GPIO mux
The GPIO Mux registers, are used to select the operation of shared pins on the F2810 and F2812 devices. The
pins can be individually selected to operate as “Digital I/O” or connected to “Peripheral I/O” signals (via the
GPxMUX registers). If selected for “Digital I/O” mode, registers are provided to configure the pin direction (via
the GPxDIR registers) and to qualify the input signal to remove unwanted noise (via the GPxQUAL) registers).
Table 60 lists the GPIO Mux Registers.
Table 60. GPIO Mux Registers†‡§
NAME
ADDRESS
SIZE (x16)
REGISTER DESCRIPTION
GPAMUX
0x0000–70C0
1
GPIO A Mux Control Register
GPADIR
0x0000–70C1
1
GPIO A Direction Control Register
GPAQUAL
0x0000–70C2
1
GPIO A Input Qualification Control Register
reserved
0x0000–70C3
1
GPBMUX
0x0000–70C4
1
GPIO B Mux Control Register
GPBDIR
0x0000–70C5
1
GPIO B Direction Control Register
GPBQUAL
0x0000–70C6
1
GPIO B Input Qualification Control Register
reserved
0x0000–70C7
1
reserved
0x0000–70C8
1
reserved
0x0000–70C9
1
reserved
0x0000–70CA
1
reserved
0x0000–70CB
1
GPDMUX
0x0000–70CC
1
GPIO D Mux Control Register
GPDDIR
0x0000–70CD
1
GPIO D Direction Control Register
GPDQUAL
0x0000–70CE
1
GPIO D Input Qualification Control Register
reserved
0x0000–70CF
1
GPEMUX
0x0000–70D0
1
GPIO E Mux Control Register
GPEDIR
0x0000–70D1
1
GPIO E Direction Control Register
GPEQUAL
0x0000–70D2
1
GPIO E Input Qualification Control Register
reserved
0x0000–70D3
1
GPFMUX
0x0000–70D4
1
GPIO F Mux Control Register
GPFDIR
0x0000–70D5
1
GPIO F Direction Control Register
reserved
0x0000–70D6
1
reserved
0x0000–70D7
1
GPGMUX
0x0000–70D8
1
GPIO F Mux Control Register
GPGDIR
0x0000–70D9
1
GPIO F Direction Control Register
reserved
0x0000–70DA
1
reserved
0x0000–70DB
1
reserved
0x0000–70DC
0x0000–70DF
4
† Registers that are not implemented will return undefined values and writes will be ignored.
‡ Not all inputs will support input signal qualification.
§ These registers are EALLOW protected. This prevents spurious writes from overwriting the contents and corrupting the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com