Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2810PBKA Datasheet(PDF) 74 Page - Texas Instruments

Part # TMP320F2810PBKA
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2810PBKA Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMP320F2810PBKA Datasheet HTML 70Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 71Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 72Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 73Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 74Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 75Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 76Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 77Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
74
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
enhanced controller area network (eCAN) module (continued)
The CAN registers listed in Table 55 are used by the CPU to configure and control the CAN controller and the
message objects.
Table 55. CAN Registers Map†
REGISTER NAME
ADDRESS
DESCRIPTION
CANME
0x00 6000
Mailbox enable
CANMD
0x00 6002
Mailbox direction
CANTRS
0x00 6004
Transmit request set
CANTRR
0x00 6006
Transmit request reset
CANTA
0x00 6008
Transmission acknowledge
CANAA
0x00 600A
Abort acknowledge
CANRMP
0x00 600C
Receive message pending
CANRML
0x00 600E
Receive message lost
CANRFP
0x00 6010
Remote frame pending
Reserved
0x00 6012
Reserved
CANMC
0x00 6014
Master control
CANBTC
0x00 6016
Bit-timing configuration
CANES
0x00 6018
Error and status
CANTEC
0x00 601A
Transmit error counter
CANREC
0x00 601C
Receive error counter
CANGIF0
0x00 601E
Global interrupt flag 0
CANGIM
0x00 6020
Global interrupt mask
CANGIF1
0x00 6022
Global interrupt flag 1
CANMIM
0x00 6024
Mailbox interrupt mask
CANMIL
0x00 6026
Mailbox interrupt level
CANOPC
0x00 6028
Overwrite protection control
CANTIOC
0x00 602A
TX I/O control
CANRIOC
0x00 602C
RX I/O control
CANLNT
0x00 602E
Local network time (Reserved in SCC mode)
CANTOC
0x00 6030
Time-out control (Reserved in SCC mode)
CANTOS
0x00 6032
Time-out status (Reserved in SCC mode)
† These registers are mapped to Peripheral Frame 1. This space allows 16-bit and 32-bit accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com