Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2810PBKA Datasheet(PDF) 86 Page - Texas Instruments

Part # TMP320F2810PBKA
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2810PBKA Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMP320F2810PBKA Datasheet HTML 82Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 83Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 84Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 85Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 86Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 87Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 88Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 89Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
86
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
GPIO mux (continued)
If configured for ”Digital I/O” mode, additional registers are provided for setting individual I/O signals (via the
GPxSET registers), for clearing individual I/O signals (via the GPxCLEAR registers), for toggling individual I/O
signals (via the GPxTOGGLE registers), or for reading/writing to the individual I/O signals (via the GPxDAT
registers). Table 61 lists the GPIO Data Registers.
Table 61. GPIO Data Registers†‡
NAME
ADDRESS
SIZE (x16)
REGISTER DESCRIPTION
GPADAT
0x0000–70E0
1
GPIO A Data Register
GPASET
0x0000–70E1
1
GPIO A Set Register
GPACLEAR
0x0000–70E2
1
GPIO A Clear Register
GPATOGGLE
0x0000–70E3
1
GPIO A Toggle Register
GPBDAT
0x0000–70E4
1
GPIO B Data Register
GPBSET
0x0000–70E5
1
GPIO B Set Register
GPBCLEAR
0x0000–70E6
1
GPIO B Clear Register
GPBTOGGLE
0x0000–70E7
1
GPIO B Toggle Register
reserved
0x0000–70E8
1
reserved
0x0000–70E9
1
reserved
0x0000–70EA
1
reserved
0x0000–70EB
1
GPDDAT
0x0000–70EC
1
GPIO D Data Register
GPDSET
0x0000–70ED
1
GPIO D Set Register
GPDCLEAR
0x0000–70EE
1
GPIO D Clear Register
GPDTOGGLE
0x0000–70EF
1
GPIO D Toggle Register
GPEDAT
0x0000–70F0
1
GPIO E Data Register
GPESET
0x0000–70F1
1
GPIO E Set Register
GPECLEAR
0x0000–70F2
1
GPIO E Clear Register
GPETOGGLE
0x0000–70F3
1
GPIO E Toggle Register
GPFDAT
0x0000–70F4
1
GPIO F Data Register
GPFSET
0x0000–70F5
1
GPIO F Set Register
GPFCLEAR
0x0000–70F6
1
GPIO F Clear Register
GPFTOGGLE
0x0000–70F7
1
GPIO F Toggle Register
GPGDAT
0x0000–70F8
1
GPIO G Data Register
GPGSET
0x0000–70F9
1
GPIO G Set Register
GPGCLEAR
0x0000–70FA
1
GPIO G Clear Register
GPGTOGGLE
0x0000–70FB
1
GPIO G Toggle Register
reserved
0x0000–70FC
0x0000–70FF
4
† Reserved locations will return undefined values and writes will be ignored.
‡ These registers are NOT EALLOW protected. The above registers will typically be accessed regularly by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com